Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT98SC008CT Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT98SC008CT
Description  High-tech goods counterfeiting
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT98SC008CT Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT98SC008CT Datasheet HTML 9Page - ATMEL Corporation AT98SC008CT Datasheet HTML 10Page - ATMEL Corporation AT98SC008CT Datasheet HTML 11Page - ATMEL Corporation AT98SC008CT Datasheet HTML 12Page - ATMEL Corporation AT98SC008CT Datasheet HTML 13Page - ATMEL Corporation AT98SC008CT Datasheet HTML 14Page - ATMEL Corporation AT98SC008CT Datasheet HTML 15Page - ATMEL Corporation AT98SC008CT Datasheet HTML 16Page - ATMEL Corporation AT98SC008CT Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
Secure Your Embedded Devices
6528A–SMIC–17 May 06
Scenario #2: The user signs an important document stored on a Flash mass storage device.
1. As in scenario #1, the user connects the token and unlocks it through the relevant holder
authentication method.
2. Special commands now allow the PC to access the Flash memory, decrypted on-the-fly by
the secure microcontroller, which holds the encryption keys. The user gets the document
onto their PC.
3. Upon the user’s request, the document is signed by the token using the “Generate Signa-
ture” command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com