| Electronic Components Datasheet Search |
|
D-M9BWMAPC Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
D-M9BWMAPC Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers |
|
7 / 92 page ![]() Band mounting Rail mounting Tie-rod mounting Direct mounting Operating range OFF ON Red Green Red Proper operating range Green Red Red A green light lights up at the proper operating range. Band Rail Tie-rod Direct Grommet Grommet Grommet Grommet D-H7NW/H7PW/H7BW D-G59W/G5PW/K59W D-F79W/F7PW/J79W D-F7NWV/F7BWV D-F59W/F5PW/J59W 1610 1611 1612 1613 1614 1607 1608 Band Rail Tie-rod Grommet Grommet Grommet D-B59W D-A79W D-A59W 1665 1666 1667 ∗ These auto switches can be mounted with a band, a rail, a tie-rod or a square groove when auto switch mounting brackets are used. Refer to pages 1680, 1684, 1688 and 1696 to 1698 for details. ∗∗ These auto switches can be mounted with a tie-rod when auto switch mounting brackets are used. Refer to page 1691 for details. Function Type Electrical entry Auto switch model Page Auto switch mounting type Easily identifiable, proper operating range Mounting positions can be set easily. Proper operating ranges can be set while watching the lights. Displacement of the detecting position can be visually checked. Trouble caused by incorrect detection can be prevented beforehand. Auto Switch Variations 2 2-color indicator Even if 2-color indicator solid state auto switches are fixed at the proper operating range (the green light lights up), the operation may become unstable depending on the installation environment or magnetic field disturbance. (Magnetic body, external magnetic field, proximal installation of cylinders with built-in magnet and actuators, temperature change, other factors for magnetic force fluctuation during operation, etc.) D-M9NW/M9PW/M9BW∗ D-M9NWV/M9PWV/M9BWV∗ D-Y7NW/Y7PW/Y7BW∗∗ D-Y7NWV/Y7PWV/Y7BWV∗∗ Auto Switch Guide Auto Switch Variations 1582 A |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |