Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HZP3C2N Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # HZP3C2N
Description  SafeSite® LED Area Light for Indoor and Outdoor Hazardous Locations
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HZP3C2N Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button HZP3C2N Datasheet HTML 4Page - List of Unclassifed Manufacturers HZP3C2N Datasheet HTML 5Page - List of Unclassifed Manufacturers HZP3C2N Datasheet HTML 6Page - List of Unclassifed Manufacturers HZP3C2N Datasheet HTML 7Page - List of Unclassifed Manufacturers HZP3C2N Datasheet HTML 8Page - List of Unclassifed Manufacturers HZP3C2N Datasheet HTML 9Page - List of Unclassifed Manufacturers HZP3C2N Datasheet HTML 10Page - List of Unclassifed Manufacturers HZP3C2N Datasheet HTML 11Page - List of Unclassifed Manufacturers HZP3C2N Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
www.dialight.com
9
SafeSite
® LED Area Light
Mounting Options
Part Number
1
Description
Kit Includes
HZXTHAP
Retrofit adapter
(see chart below for compatability)
Retrofit wiring box
HZXTHCH
Retrofit adapter
(see chart below for compatability)
Retrofit wiring box
HZXTHKL
Retrofit adapter
(see chart below for compatability)
Retrofit wiring box
HZXTHG
Retrofit adapter
(see chart below for compatability)
Retrofit wiring box
1HZFXXXX and HZDXXXX models can be ordered with factory installed retrofit adapter by adding C, A, K, or G to the end of the part number.
HZD8C2N becomes HZD8C2NC. For more information please refer to www.dialight.com/assets/brochures_and_catalogs/illumination/mdtfhzralx001.pdf
Retrofit Options
(Available factory installed on fixtures)
Mounting Compatibility
HZXTHAP
Pendant
Ceiling
Wall
Stanchion
KPA-75
KPC-75
KPWB-75
KPS-125
KPA-100
KPC-100
KPWB-100
KPS-150
KPAF-75
KPST-125
KPAF-100
KPST-150
KPCH-75
KPCH-100
HZXTHCH
Pendant
Ceiling
Wall
Stanchion
Quad Mount
APM2
CM2
TWM2
JM5
QM25
APM3
CM3
TWM3
PM5
HPM2
HZXTHKL
Pendant
Ceiling
Wall
Stanchion
VMA2B
VMX2B
VMB2B
VMD4B
VMA3B
VMX3B
VMB3B
VMD5B
VMC2B
VMX6B
VMS5B
VMC3B
VMX7B
VMF2B
VMX8B
VMF3B
VMX9B
Retrofit Adapter
HZXTHG
Pendant
Ceiling
Wall
Stanchion
Quad Mount
3P
3F
3C
3W
5S
4P
4F
4C
4W
6S
5J
6J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com