Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HZP4C2N Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HZP4C2N
Description  SafeSite® LED Area Light for Indoor and Outdoor Hazardous Locations
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HZP4C2N Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HZP4C2N Datasheet HTML 1Page - List of Unclassifed Manufacturers HZP4C2N Datasheet HTML 2Page - List of Unclassifed Manufacturers HZP4C2N Datasheet HTML 3Page - List of Unclassifed Manufacturers HZP4C2N Datasheet HTML 4Page - List of Unclassifed Manufacturers HZP4C2N Datasheet HTML 5Page - List of Unclassifed Manufacturers HZP4C2N Datasheet HTML 6Page - List of Unclassifed Manufacturers HZP4C2N Datasheet HTML 7Page - List of Unclassifed Manufacturers HZP4C2N Datasheet HTML 8Page - List of Unclassifed Manufacturers HZP4C2N Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SafeSite
® LED Area Light
www.dialight.com
2
Features & Benefits
• L70 rated for >100,000 hours
@ 25°C
• 5 year full performance
warranty
• Instant on/off operation
• Superior color rendering index
compared to HPS, LPS, MV
• Mercury free
• Resistant to shock and
vibration
• Temperature compensation
technology for longer life
• Factory sealed
• Low T rating compared to
traditional fixtures
• Wide Throw (Aisle Way) optic
model available
View the full case studies at:
Diamond Pet Foods - www.dialight.com/news/details/diamond_pet_foods_case_study
LANXESS - www.dialight.com/news/details/LANXESS_case_study
MedSafe - www.dialight.com/news/details/medsafe_case_study
About Dialight
Dialight (LSE: DIA.L) is leading the energy efficient LED lighting revolution around the world for industrial and
hazardous areas as well as transportation and infrastructure applications. For 40 years it has been committed
to the development of LED lighting solutions that enable organizations to vastly reduce energy use and
maintenance needs, improve safety, ease disposal and reduce CO2 emissions.
Value Proposition
• Improve safety, color quality
• Improve temperature rating (T-rating)
• Lower total cost of ownership, quick ROI
• Lower energy consumption by > 50%
• Significantly reduce CO2 emissions
History at a Glance
1938
→ Dialight founded in Brooklyn, NY
1971
→ LED Circuit Board Indicator
1994
→ LED Transit Vehicle Signals
1995
→ LED Traffic Signals
2000
→ FAA certified LED Obstruction Lights
2007
→ LED Lighting for Hazardous Locations
2009
→ LED High Bay Fixtures
2012
→ Full performance 10-year warranty
2013
→ Controls for LED Lighting
2014
→ 125 Lumens per Watt
SafeSite
®
• LED lighting for hazardous locations
DuroSite
®
• LED lighting for general Industrial locations
Vertically Focused
Regulated Primary Markets
• Oil, Gas & Petrochemical
• Power Generation
• Mining
• Chemical
• Pharmaceutical
• Water & Sewage
• Food & Beverage
Secondary Markets
• Manufacturing
• Warehousing
• Cold Storage
• Data Centers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com