Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HZXTHAP Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # HZXTHAP
Description  SafeSite® LED Area Light for Indoor and Outdoor Hazardous Locations
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HZXTHAP Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button HZXTHAP Datasheet HTML 4Page - List of Unclassifed Manufacturers HZXTHAP Datasheet HTML 5Page - List of Unclassifed Manufacturers HZXTHAP Datasheet HTML 6Page - List of Unclassifed Manufacturers HZXTHAP Datasheet HTML 7Page - List of Unclassifed Manufacturers HZXTHAP Datasheet HTML 8Page - List of Unclassifed Manufacturers HZXTHAP Datasheet HTML 9Page - List of Unclassifed Manufacturers HZXTHAP Datasheet HTML 10Page - List of Unclassifed Manufacturers HZXTHAP Datasheet HTML 11Page - List of Unclassifed Manufacturers HZXTHAP Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
HZD5C2N - 360
o Pattern
360
o Optical Pattern
Mounting
Height
Multiplier
10’
2.250
15’
1.000
20’
0.563
25’
0.360
Examples shown are mounted at 15 ft
Distance of grid is equal to Mounting Height
SafeSite
® LED Area Light
Measurement Data
Iso-Illuminance
Candela Plots
HZD2C2N - 180
o Pattern
180
o Pattern Mounted at 45o
Mounting
Height
Multiplier
10’
1.000
15’
0.444
20’
0.250
25’
0.160
Examples shown are mounted at 10 ft
Distance of grid is equal to Mounting Height
HZD3C2N - 360
o Pattern
360
o Optical Pattern
Mounting
Height
Multiplier
10’
1.000
15’
0.444
20’
0.250
25’
0.160
Examples shown are mounted at 10 ft
Distance of grid is equal to Mounting Height
HZDWC2N - Wide Throw (Asile Way) Pattern
Wide Throw (Asile Way) pattern
Mounting
Height
Multiplier
10’
1.000
15’
0.444
20’
0.250
25’
0.160
Examples shown are mounted at 10 ft
Distance of grid is equal to Mounting Height
www.dialight.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com