Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB3FTVKEY6A32GCAP Datasheet(PDF) 1 Page - Amphenol Aerospace Operations

Part # USB3FTVKEY6A32GCAP
Description  Derived from MIL-DTL-38999 series III specification • from 2 GB to 256 GB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

USB3FTVKEY6A32GCAP Datasheet(HTML) 1 Page - Amphenol Aerospace Operations

  USB3FTVKEY6A32GCAP Datasheet HTML 1Page - Amphenol Aerospace Operations USB3FTVKEY6A32GCAP Datasheet HTML 2Page - Amphenol Aerospace Operations  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
106
Reinforced USBF TV Memory Keys
Derived from MIL-DTL-38999 series III specification • from 2 GB to 256 GB
Definition of part number
eXaMPle: USBFTVKEY6A2048N: UsbftV KeY – coDInG a – caPacItY of 2048Mb – nIcKel PlatInG
eXaMPle: USB3FTVKEY6A64GCAp: UsbftV KeY – coDInG a – caPacItY of 64Gb – olIVe DRab caDMIUM PlatInG - PRotectIVe caP
NB: PRoDUct sUGGesteD to electRonIc cHanGes DePenDInG on oUR electRonIc sUPPlIeRs, neW caPacItIes, obsolescence
We provide reinforced Usb memory keys available in different
capacities. they can be used onlY with our UsbftV series receptacles.
When mated on the receptacle, the system is IP68 and allows data
transmission in harsh environments.
Environmental protection
n
sealing: IP68 (when mated)
n
salt spray: 48 h with nickel plating (RoHs)
> 500 h with olive drab cadmium
n
Vibrations: MIl-stD-810f method 514.5 fig 514.5.c cat 14
n
temperature range: - 40°c / +85°c (MIl-stD-810f)
n
Data transmission during vibration & temperature tests
Other features
n
type: Usb2.0 (capacities 2 Gb & 4 Gb)
Usb3.0 (capacities 8 Gb to 256 Gb)
n
Voltage: 5V Dc - 500 ma max
USB cordset is included with each memory key
Memory size of 128GB
Memory size of 256GB
Memory size from 2 to 64GB
Note: our rugged memory keys are sold under standard
electronic manufacturer configuration.
If, for your own usage, you need to re-configurate the electronic
(underlinuxforexample),itwillbeundercustomerresponsibility.
amphenol is not responsible for any wrong doing or misguided
use of the product by its customers.
Under request, we can provide you with electronic manufacturer
details so you can check if their specific configuration will work
with the electronic (please specify memory capacity).
amphenol can also study the integration of electronic selected
by a customer. In order to do so, we need to received a sample
of the Usb memory stick so we can study its integration into our
existing concept or adapt it.
Please send your requests to contact@usbfield.com
pLATING:
"N": nickel plating
"G": olive drab cadmium
CApACITY FOR USBFTV KEY:
2048 | 4096
Cap: with cap
Blank: without cap
USBFTV KEy 6
2048
USB
3FTV KEy 6
N
A
64
CAP
CApACITY FOR USB
3FTV KEY:
8 | 16 | 32 | 64 | 128 | 256
CODING pOSITION:
A: coding a
B: coding b
note: Usb3.0 is compatible with
Usb2.0
* the coding can be changed on
the receptacle counter part using
our tool UsbfoDe
other capacity, please consult us at
contact@usbfield.com
NB: please check the plating of your
UsbftV receptacle
IMPORTANT NOTE
UsbftV memory key to be used
with UsbftV receptacle, see page 76.
NEW COMpLIANT
ROHS
N
FOR USB 2.0 VERSION
FOR USB 3.0 VERSION


Similar Part No. - USB3FTVKEY6A32GCAP

ManufacturerPart #DatasheetDescription
logo
Amphenol PCD, Inc
USB3FTV AMPHENOLPCD-USB3FTV Datasheet
4Mb / 11P
USB connection system for harsh environment
USB3FTV2AG AMPHENOLPCD-USB3FTV2AG Datasheet
4Mb / 11P
USB connection system for harsh environment
USB3FTV2AN AMPHENOLPCD-USB3FTV2AN Datasheet
4Mb / 11P
USB connection system for harsh environment
USB3FTV2BG AMPHENOLPCD-USB3FTV2BG Datasheet
4Mb / 11P
USB connection system for harsh environment
USB3FTV2BN AMPHENOLPCD-USB3FTV2BN Datasheet
4Mb / 11P
USB connection system for harsh environment
More results

Similar Description - USB3FTVKEY6A32GCAP

ManufacturerPart #DatasheetDescription
logo
ITT Industries
D38999-20WD-18SN ITT-D38999-20WD-18SN Datasheet
2Mb / 17P
MIL-DTL-38999 Series III Connectors
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
MIL-DTL-38999 Series III Connectors
logo
List of Unclassifed Man...
D38999-20FC4PN ETC2-D38999-20FC4PN Datasheet
11Mb / 122P
8D Series - MIL-DTL-38999 Series III
logo
Glenair, Inc.
233-300 GLENAIR-233-300 Datasheet
292Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
233-301 GLENAIR-233-301 Datasheet
253Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
233-302 GLENAIR-233-302 Datasheet
214Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
233-304 GLENAIR-233-304 Datasheet
248Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
947-112 GLENAIR-947-112 Datasheet
241Kb / 2P
MIL-DTL-38999 Series III Type
logo
Amphenol Aerospace Oper...
MIL-DTL-38999 AAO-MIL-DTL-38999 Datasheet
3Mb / 40P
MIL-DTL-38999, Series III, TV
logo
Glenair, Inc.
D38999-1799853 GLENAIR-D38999-1799853 Datasheet
300Kb / 3P
MIL-DTL-38999 Series III Environmental connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com