Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB3FTVKEY6A256GCAP Datasheet(PDF) 2 Page - Amphenol Aerospace Operations

Part # USB3FTVKEY6A256GCAP
Description  Derived from MIL-DTL-38999 series III specification • from 2 GB to 256 GB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

USB3FTVKEY6A256GCAP Datasheet(HTML) 2 Page - Amphenol Aerospace Operations

  USB3FTVKEY6A256GCAP Datasheet HTML 1Page - Amphenol Aerospace Operations USB3FTVKEY6A256GCAP Datasheet HTML 2Page - Amphenol Aerospace Operations  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
107
Reinforced USB Memory Keys
We provide reinforced Usb memory keys available in different
capacities. When mated, the system is IP68. shells are metallic
with 1/4 turn bayonet coupling. It provides a full protection
of the data stored into the keys when the cap is closed. for
full data protection during data transfers, check our UsbftV
memory keys.
Environmental protection
n
sealing: IP68 (when closed)
n
salt spray: 48 h with nickel plating (RoHs)
> 96 h with black coating (RoHs)
> 500 h with olive drab cadmium
n
Vibrations: MIl-stD-810f method 514.5 fig 514.5.c cat 14
n
temperature range: - 40°c / +85°c (MIl-stD-810f)
Other features
n
type: Usb2.0
n
Voltage: 5V Dc - 500 ma max
n
electromagnetic compatibility: 89/336/eec and Part 15 class b
COMpLIANT
ROHS
Up to memory size 8Gb
Usb cordset is included with each memory key
Rugged Metallic Usb KeY with caP sealInG: IP 67
DEFINITION OF PART NUMBER
beginning of every
Usb Key part number.
Remains unchanged.
Shell finish:
N: nickel
G: Green
B: black
Capacity of your USBF Key:
2048 | 4096 | 8192
other capacity, please consult us at contact@rjfield.com
* Gt: fast Data transfer
eXaMPle: USBFKEY4096N: Usb MeMoRY KeY - caPacItY of4096Mb - sHell fInIsH: nIcKel
eXaMPle: USBFKEY2048G: Usb MeMoRY KeY - caPacItY of 2048Mb - sHell fInIsH: GReen
USBF KEy
4096
N
51,7 [2,034]
Note: our rugged memory keys are sold under
standard electronic manufacturer configuration.
If, for your own usage, you need to re-configurate the
electronic (under linux for example), it will be under
customer responsibility.
amphenol is not responsible for any wrong doing
or misguided use of the product by its customers.
Under request, we can provide you with electronic
manufacturer details so you can check if their specific
configuration will work with the electronic (please
specify memory capacity).
amphenol can also study the integration of electronic
selected by a customer. In order to do so, we need
to received a sample of the Usb memory stick so we
can study its integration into our existing concept or
adapt it.
please send your requests to contact@usbfield.com
IMPORTANT NOTE
compatible with any standard Usb port



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com