Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDRH127C/A Datasheet(PDF) 20 Page - Sumida Corporation

Part # CDRH127C/A
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH127C/A Datasheet(HTML) 20 Page - Sumida Corporation

Back Button CDRH127C/A Datasheet HTML 16Page - Sumida Corporation CDRH127C/A Datasheet HTML 17Page - Sumida Corporation CDRH127C/A Datasheet HTML 18Page - Sumida Corporation CDRH127C/A Datasheet HTML 19Page - Sumida Corporation CDRH127C/A Datasheet HTML 20Page - Sumida Corporation CDRH127C/A Datasheet HTML 21Page - Sumida Corporation CDRH127C/A Datasheet HTML 22Page - Sumida Corporation CDRH127C/A Datasheet HTML 23Page - Sumida Corporation CDRH127C/A Datasheet HTML 24Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 156 page
background image
20
Power Inductors for LED lighting
About CDH80D48, RPT109, RPT129
This specification might be changed without notice due to under developing and improving. Please contact us for our mass production schedule.Thank you for your understanding.
Inductance Range
CDH80D48
RPT109
RPT129
Measuring Freq.(L)100kHz
100
µH - 4.7mH
560
µH - 2.0mH
560
µH - 2.0mH
RPT129
PROVISIONAL
PROVISIONAL
PROVISIONAL
DIMENSIONS (mm)
CONNECTION
BOTTOM VIEW
Max.12.5
Max.10.0
3.5
6.8
裏面図
CDH80D48
NEW
DIMENSIONS (mm)
LAND PATTERNS (mm)
NEW
外形寸法図
Max.8.15
1.3 3.35
8.0
1.5
6.6
Max.5.0
推奨ランド寸法
RPT109
DIMENSIONS (mm)
BOTTOM VIEW
外形寸法図
裏面図
NEW
Max.10.0
3.5
5.6
Max.10.5
2
1
3
4
2
1
3
4
CONNECTION
本仕様は開発中につき、製品の改善等により記載内容を予告なく変更することがありますので、
ご了承下さい。量産時期についてはお問合せ下さい。
/ インダクタンス範囲
/ インダクタンス測定周波数100kHz
外形寸法図
端子接続
端子接続



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com