Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC850SR Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC850SR
Description  PowerQUICC™ Integrated Communications Processor Hardware Specifications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC850SR Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC850SR Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC850SR Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC850SR Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC850SR Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC850SR Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC850SR Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC850SR Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC850SR Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC850SR Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 72 page
background image
MPC850 PowerQUICC™ Integrated Communications Processor Hardware Specifications, Rev. 2
2
Freescale Semiconductor
Overview
The CPM of the MPC850 supports up to seven serial channels, as follows:
•
One or two serial communications controllers (SCCs). The SCCs support Ethernet, ATM
(MPC850SR and MPC850DSL), HDLC and a number of other protocols, along with a transparent
mode of operation.
•
One USB channel
•
Two serial management controllers (SMCs)
•
One I2C port
•
One serial peripheral interface (SPI).
Table 1 shows the functionality supported by the members of the MPC850 family.
Additional documentation may be provided for parts listed in Table 1.
Table 1. MPC850 Functionality Matrix
Part
Number of
SCCs
Supported
Ethernet
Support
ATM Support
USB Support
Multi-channel
HDLC
Support
Number of
PCMCIA Slots
Supported
MPC850
1
Yes
-
Yes
-
1
MPC850DE
2
Yes
-
Yes
-
1
MPC850SR
2
Yes
Yes
Yes
Yes
1
MPC850DSL
2
Yes
Yes
Yes
No
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com