Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST1335DD15/XXYY Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST1335DD15/XXYY
Description  5-Contact Memory Card IC 272-bit EEPROM With Advanced Security Mechanisms and Inlock System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1335DD15/XXYY Datasheet(HTML) 1 Page - STMicroelectronics

  ST1335DD15/XXYY Datasheet HTML 1Page - STMicroelectronics ST1335DD15/XXYY Datasheet HTML 2Page - STMicroelectronics ST1335DD15/XXYY Datasheet HTML 3Page - STMicroelectronics ST1335DD15/XXYY Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
DATA BRIEF
June 2000
Complete data available under NDA.
ST1335D, ST1336D
ST1355D
5-Contact Memory Card IC 272-bit EEPROM
With Advanced Security Mechanisms and Inlock System
s
5 V Single Supply Voltage
s
Counting Capability (two options)
– up to 32767 (85 -1)
– 8 times reloadable, up to 4095 (84-1)
s
Active Authentication Function (ST1335D/55D)
s
Cipher Block Chaining Function (ST1355D)
s
Memory Divided into :
– 16 bits of Circuit Identification
– 48 bits of Card Identification
– 40 bits of Count Data
– 16 bits for Validation Certificate
– 24 bits of Transport Code
– 64 bits
of
Issuer
Data
(ST1336D)
or
Authentication Secret Key (ST1335D/55D)
– 32 bits of Anti-tearing Flags (optional)
– 56 bits of User data (optionally not erasable)
s
More than 500,000 Erase/Write Cycles
s
More than 10 Years Data Retention
s
3.5 ms Programming Time at 5 V (typical)
s
500
µA Supply Current at 5 V (typical)
s
250
µA Stand-by Current at 5 V (typical)
DESCRIPTION
The members of the ST1335D/36D/55D family are
principally designed for use in prepaid Phonecard
applications. Each is a 272-bit EEPROM device,
with associated security logic and special fuses to
control memory access. The memory is arranged
as a matrix of 34 x 8 cells, accessed in a serial bit-
wise fashion for reading and programming, and in
a byte-wise fashion for internal erasing. An on-chip
Figure 1. Logic Diagram
AI03729
RST
VCC
ST1335D
ST1336D
ST1355D
GND
I/O
CLK
Table 1. Signal Names
CLK
Clock
RST
Reset
I/O
Serial Data Input / Output
VCC
Supply Voltage
GND
Ground
Wafer
Micromodule
(D15)


Similar Part No. - ST1335DD15/XXYY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1335 STMICROELECTRONICS-ST1335 Datasheet
277Kb / 13P
Memory Micromodules General Information for D1, D2 and C Packaging
Dec-1999
ST1335 STMICROELECTRONICS-ST1335 Datasheet
36Kb / 3P
5-Contact Memory Card IC 272-bit EEPROM with Advanced Security Mechanisms
Oct-1999
ST1335-BD10 STMICROELECTRONICS-ST1335-BD10 Datasheet
36Kb / 3P
5-Contact Memory Card IC 272-bit EEPROM with Advanced Security Mechanisms
Oct-1999
ST1335-BD15 STMICROELECTRONICS-ST1335-BD15 Datasheet
36Kb / 3P
5-Contact Memory Card IC 272-bit EEPROM with Advanced Security Mechanisms
Oct-1999
ST1335-BW2 STMICROELECTRONICS-ST1335-BW2 Datasheet
36Kb / 3P
5-Contact Memory Card IC 272-bit EEPROM with Advanced Security Mechanisms
Oct-1999
More results

Similar Description - ST1335DD15/XXYY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1305B STMICROELECTRONICS-ST1305B Datasheet
30Kb / 2P
Memory Card IC 192 bit High Endurance EEPROM With Secure Logic Access Control
Oct-1999
ST1331 STMICROELECTRONICS-ST1331 Datasheet
30Kb / 3P
6-Contact Memory Card IC 272-bit EEPROM with Advanced Security Mechanisms
Oct-1999
ST1335 STMICROELECTRONICS-ST1335 Datasheet
36Kb / 3P
5-Contact Memory Card IC 272-bit EEPROM with Advanced Security Mechanisms
Oct-1999
logo
List of Unclassifed Man...
IZ4436 ETC-IZ4436 Datasheet
26Kb / 2P
Intelligent 221-Bit EEPROM Counter for > 20000 Units with Security Logic and High Security Authentication
logo
STMicroelectronics
LRIS2K STMICROELECTRONICS-LRIS2K Datasheet
71Kb / 8P
Memory TAG IC, 64 bit UID, 2048 bit EEPROM with Password 13.56MHz, ISO15693 and ISO18000-3 Mode 1 compliant
28-Apr-2006
logo
Renesas Technology Corp
M62021L RENESAS-M62021L Datasheet
183Kb / 14P
System Reset IC with Switch for Memory Backup
logo
KODENSHI_AUK CORP.
KKE4436 KODENSHI-KKE4436 Datasheet
175Kb / 2P
Intelligent 221-Bit EEPROM Counter for > 20000 Units with Security Logic and High Security Authentication
logo
Maxim Integrated Produc...
MAX16031 MAXIM-MAX16031 Datasheet
399Kb / 42P
EEPROM-Based System Monitors with Nonvolatile Fault Memory
Rev 1; 10/07
MAX16031 MAXIM-MAX16031_10 Datasheet
290Kb / 41P
EEPROM-Based System Monitors with Nonvolatile Fault Memory
Rev 2; 6/10
logo
Texas Instruments
BQ26100 TI1-BQ26100_15 Datasheet
955Kb / 29P
Based Security and Authentication IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com