Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS32 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # JS32
Description  Floating Joint
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

JS32 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button JS32 Datasheet HTML 2Page - List of Unclassifed Manufacturers JS32 Datasheet HTML 3Page - List of Unclassifed Manufacturers JS32 Datasheet HTML 4Page - List of Unclassifed Manufacturers JS32 Datasheet HTML 5Page - List of Unclassifed Manufacturers JS32 Datasheet HTML 6Page - List of Unclassifed Manufacturers JS32 Datasheet HTML 7Page - List of Unclassifed Manufacturers JS32 Datasheet HTML 8Page - List of Unclassifed Manufacturers JS32 Datasheet HTML 9Page - List of Unclassifed Manufacturers JS32 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
20
25, 32
40
50, 63
80
100
125, 140
160
JAL20-8-125
JAL30-10-125
JAL40-14-150
JAL63-18-150
JAL80-22-150
JAL100-26-150
JAL140-30-150
JAL160-36-150
8
10
14
18
22
26
30
36
1.25
1.25
1.5
1.5
1.5
1.5
1.5
1.5
44
52
67
82.5
98.5
123
187
213
8
9
13
15
18
24
38
42
0.5
0.5
0.75
1
1.25
2
2.5
3
1000
2000
4400
9000
14000
22000
36000
55000
0.09
0.18
0.36
0.61
1.09
2.03
6.4
10
M
A
21
24
31
41
50
59.5
79
96
D
18
24
30
34
42
48
60
74
E
44
48
F
38
44
57.5
71.5
86
107
125
144
K
6.6
9
11
11
14
16
18
22
J
7
8
11
13.5
16
20
22
24
G
13
17
22
27
32
41
46
55
H
12
16
19
22
25
32
80
90
L
19
25
30
38
47
58
79
89
T
30
42
52
56
70
80
96
116
B
11.5
14
17.5
23
28
35
45
55
C
20
25
32
32, 40
40
32, 40
50
50, 63
80
100
100
125
160
JAL20-8-100
JAL25-10-150
JAL32-10-100
JAL40-12-125
JAL40-12-150
JAL40-12-175
JAL50-16-150
JAL63-16-200
JAL80-20-250
JAL100-24-300
JAL100-27-150
JAL125-27-200
JAL160-33-200
8
10
10
12
12
12
16
16
20
24
27
27
33
1
1.5
1
1.25
1.5
1.75
1.5
2
2.5
3
1.5
2
2
44
52
52
67
67
67
82.5
82.5
98.5
123
123
155
213
8
9
9
13
13
13
15
15
18
24
24
24
42
0.5
0.5
0.5
0.75
0.75
0.75
1
1
1.25
2
2
2
3
1000
2000
2000
4400
4400
4400
9000
9000
14000
22000
22000
28000
55000
0.09
0.18
0.18
0.36
0.36
0.36
0.61
0.61
1.09
2.03
2.03
4.1
10
21
24
24
31
31
31
41
41
50
59.5
59.5
66
96
18
24
24
30
30
30
34
34
42
48
48
54
74
36
48
38
44
44
57.5
57.5
57.5
71.5
71.5
86
107
107
102
144
6.6
9
9
11
11
11
11
11
14
16
16
14
22
7
8
8
11
11
11
13.5
13.5
16
20
20
20
24
13
17
17
22
22
22
27
27
32
41
41
41
55
24.5
28.5
35.5
44.5
53
65
67.5
78
24.5
28.5
28.5
35.5
35.5
35.5
44.5
44.5
53
65
65
56
78
12
16
16
19
19
19
22
22
25
32
32
70
90
19
25
25
30
30
30
38
38
47
58
58
69
89
30
42
42
52
52
52
56
56
70
80
80
88
116
11.5
14
14
17.5
17.5
17.5
23
23
28
35
35
38
55
(mm)
Standard Pneumatic: Up to 1 MPa Hydraulic: Up to 3.5 MPa
Semi-standard Pneumatic: Up to 1 MPa Hydraulic: Up to 3.5 MPa
Applicable
bore size
(mm)
Model
Pitch
Nominal
size
Weight
(kg)
Center of
sphere
R
Maximum operating
tension and
compression
force (N)
Foot Type: JAL20 to JAF160
JAL20 to 100
JAL125 to 160
JA Series
Center of sphere
R
2 x J
4 x J
Center of sphere
R
Maximum
thread depth
P
Allowable
eccentricity
U
1148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com