Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSR1E Datasheet(PDF) 29 Page - Honeywell Solid State Electronics Center

Part # LSR1E
Description  MICRO SWITCH Heavy-Duty Limit Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

LSR1E Datasheet(HTML) 29 Page - Honeywell Solid State Electronics Center

Back Button LSR1E Datasheet HTML 25Page - Honeywell Solid State Electronics Center LSR1E Datasheet HTML 26Page - Honeywell Solid State Electronics Center LSR1E Datasheet HTML 27Page - Honeywell Solid State Electronics Center LSR1E Datasheet HTML 28Page - Honeywell Solid State Electronics Center LSR1E Datasheet HTML 29Page - Honeywell Solid State Electronics Center LSR1E Datasheet HTML 30Page - Honeywell Solid State Electronics Center LSR1E Datasheet HTML 31Page - Honeywell Solid State Electronics Center LSR1E Datasheet HTML 32Page - Honeywell Solid State Electronics Center LSR1E Datasheet HTML 33Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
Sensing and Internet of Things
29
MICRO SWITCH Heavy-Duty Limit Switch, HDLS Series
LSJ Series
7A Actuator
LSJ Series
7N Actuator
LSJ Series
7M Actuator
LSK Series
8A-8C Actuator
Description
Plastic rod lever
(wobble stick)
Flexible cable lever
Spring wire lever -
may be formed for
special needs
Cat whisker actuator for low
operating force applications
Contact closed n
Contact open o
0°
12°
8°
Snap Action
1NO/1NC
1
2
3
4
0°
12°
8°
Snap Action
2NO/2NC
1
2
3
4
5
6
7
8
0°
20°
16°
Snap Action
1NO/1NC
1
2
3
4
0°
20°
16°
Snap Action
2NO/2NC
1
2
3
4
5
6
7
8
0°
20°
16°
Snap Action
1NO/1NC
1
2
3
4
0°
20°
16°
Snap Action
2NO/2NC
1
2
3
4
5
6
7
8
-8A**
0°
25°
15°
Snap Action
1NO/1NC
1
2
3
4
0°
25°
15°
Snap Action
2NO/2NC
1
2
3
4
5
6
7
8
-8C
0°
25°
10°
Snap Action
1NO/1NC
1
2
3
4
0°
25°
10°
Snap Action
2NO/2NC
1
2
3
4
5
6
7
8
Lever length
from top mount-
ing hole
Actuator:
140 mm [5.5 in]
Actuator:
140 mm [5.5 in]
Actuator:
330 mm [13 in]
8A act.: 140 mm [5.5 in] SST
8C act.: 140 mm [5.5 in]
steel plated
Pretravel
25,4 mm [1.0 in]
38,0 mm [1.5 in]
102 mm [4.0 in]
51,0 mm [2.0 in]
Oper. force
2,78 Nm [10 oz]
1,95 Nm [7 oz]
1,39 Nm [5 oz]
8A: 1,39 Nm [5 oz];
8C: 1,95 Nm [7 oz]
Op. temp range3
-12°C to 93°C [10°F to 200°F] (for low temp, high temp, or preleaded versions, see pages 8-9)
Circuitry
Contacts Body Style2
Conduit
(NPT)
Options
SPDT
Double Break
Silver
Plug-in
0.5 in
LSJ1A-7A
LSJ1A-7N
LSJ1A-7M
LSK1A-8A
LSK1A-8C
Gold4
Plug-in
0.5 in
LSJ1E-7A
–
LSJ1E-7M
LSK1E-8A
LSK1E-8C
Silver
Plug-in
0.5 in
120 V Ind. lite1
LSJ5A-7A
LSJ5A-7N
LSJ5A-7M
LSK5A-8A
LSK5A-8C
Silver
Plug-in
0.5 in
240 V Ind. lite1
LSJ8A-7A
LSJ8A-7N
LSJ8A-7M
LSK8A-8A
LSK8A-8C
Silver
Non-plug-in
0.5 in
LSJ3K-7A
LSJ3K-7N
LSJ3K-7M
LSK3K-8A
LSK3K-8C
DPDT
Double Break
Silver
Plug-in
0.75 in
LSJ2B-7A
LSJ2B-7N
LSJ2B-7M
LSK2B-8A
LSK2B-8C
Silver
Plug-in
0.5 in
LSJ6B-7A
LSJ6B-7N
LSJ6B-7M
LSK6B-8A
LSK6B-8C
Silver
Plug-in
0.75 in 120 V Ind. lite1
LSJ2R-7A
LSJ2R-7N
LSJ2R-7M
LSK2R-8A
LSK2R-8C
Silver
Non-plug-in
0.75 in
LSJ4L-7A
LSJ4L-7N
LSJ4L-7M
LSK4L-8A
LSK4L-8C
Silver
Non-plug-in
0.5 in
LSJ7L-7A
LSJ7L-7N
LSJ7L-7M
LSK7L-8A
LSK7L-8C
1
Use at voltage indicated for light. Wired to NO circuit. Upper temperature limit for lighted units is 93°C [200°F]; 2 Plug-in listings include base receptacle
3
Completely fluorocarbon sealed switches are preferred for use in temperatures above 93°C [200°F]; 4 Gold-plated contacts
** These cat whiskers have a 140 mm [5.5 in] long actuator. To specify a 190 mm [7.5 in] length actuator, substitute -
8B for -8A.
NOTE: Same polarity each pole.
To order a fluorocarbon sealed switch, insert the letters
Y and C into the catalog listing as follows. The LSA1A limit switch is changed to a LSYAC1A limit switch.
To order a low temperature, fluorosilicone sealed switch, insert the letters
Y and B into the catalog listing as follows. The LSA1A limit switch is changed to a LSYAB1A limit switch.
Table 11. Wobbles • MICRO SWITCH HDLS Series Order Guide/Recommended Listings
LSJ1A-7A
- Plastic
rod
LSJ1A-7M
- Spring
wire
LSJ1A-7N
- Flexible
actuator
LSK1A-
8A - Cat
whisker
LSK1A-
8C - Coil
spring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com