Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F615 Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC12F615
Description  8-bit PIC짰 Microcontrollers with High Voltage Support and Fan Control Capabilities
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F615 Datasheet(HTML) 1 Page - Microchip Technology

  PIC12F615 Datasheet HTML 1Page - Microchip Technology PIC12F615 Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Summary
Designing the simplest solution to a complex problem such as
fan/motor control on a system board can often be challenging.
Microchip has simplified both the design and implementation of
such applications by introducing the new PIC12F609/HV609,
PIC12F615/HV615, PIC16F610/HV610 and PIC16F616/
HV616. The first PIC microcontrollers of their kind, the 14-pin
PIC16F616 provide an increased feature set inclusive of an
enhanced full bridge Enhanced Capture/Compare Pulse Width
Modulation (ECCP), eight 10-bit ADC channels, 2 comparators
with selectable hysteresis, 4/8 MHz internal oscillator and 2K
words of Flash program memory. The 8-pin PIC12F615, provides
a half bridge ECCP, four 10-bit ADC channels, 1 comparator
with selectable hysteresis, 4/8 MHz internal oscillator and 1K
words of Flash program memory. The simplified PIC16F610
and PIC12F609 provide similar features without the ADC
and ECCP. All of these PIC microcontrollers are available with
high voltage variants and provide an integrated shunt voltage
regulator allowing high voltage VDD support. The PIC12HV609,
PIC12HV615, PIC16HV610 and PIC16HV616 provide the
ability to run as low as 2.0V, up to an unspecified user-defined
maximum voltage. The shunt regulator is active when the
external VDD input is greater than 5V and disabled otherwise.
These high voltage variations are ideal for cost sensitive
applications with high voltage power rails.
As with most PIC
microcontrollers, the
PIC12F609, PIC12F615,
PIC16F610, PIC16F616,
and High Voltage
variants PIC12HV609,
PIC12HV615,
PIC16HV610 and
PIC16HV616, can easily
be utilized in a wide
array of general purpose
applications. Additional
unique features make
them particularly well
suited for focused applications such as motor or fan control.
The comparator on all variants is steerable and designed with
greater hysteresis to provide the ability to use a Hall Effect
element for speed monitoring of a fan or motor. Due to the
differential signaling of the Hall Effect element, traditional
comparators do not always provide the ability to accurately
translate the varying frequency of the Hall Effect element into
a manageable digital signal. With the addition of hysteresis,
these newly designed comparators will in effect provide a trigger
window and ultimately greater ease in such translations. This,
paired with the integrated PWM, makes these products a robust
fan-control solution that is more cost effective and flexible than
traditional dedicated fan control methods.
Microc hip T e c hnology Incor porated
PIC12F609/HV609, PIC12F615/HV615,
PIC16F610/HV610 and PIC16F616/HV616
8-bit PIC®Microcontrollers with High Voltage Support and Fan Control Capabilities
Features
• High Voltage VDD Support (available only on the
HV variants)
– Any application with native high voltage rails
– Saves external component cost
• PWM
– Full ECCP with dead band control
– Steerable
• Comparator with hysteresis
– Direct interface to Hall Effect element
– Ideal for fan/motor control and monitoring
– Any application requiring the ability to monitor
speed and/or position
• TMR1 Gate
– Running directly from 4/8 MHz internal oscillator
– Ideal for power supplies and battery chargers
– Ideal for any application requiring conditional event
or error counting
– Applications needing pulse width measurements
Comparator with Hysteresis


Similar Part No. - PIC12F615

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12F615 MICROCHIP-PIC12F615 Datasheet
2Mb / 168P
8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
2006
PIC12F615 MICROCHIP-PIC12F615 Datasheet
1Mb / 212P
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2010
PIC12F615 MICROCHIP-PIC12F615 Datasheet
177Kb / 4P
8/14-Pin, 8-Bit Flash Microcontroller Product Brief
2005
PIC12F615 MICROCHIP-PIC12F615 Datasheet
863Kb / 20P
Adding Intelligence to Lighting Applications
Summer 2010
PIC12F615 MICROCHIP-PIC12F615 Datasheet
782Kb / 78P
Debug Header Specification
2006-2012
More results

Similar Description - PIC12F615

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P83CL781 PHILIPS-P83CL781 Datasheet
342Kb / 76P
Low voltage 8-bit microcontrollers with UART and I2C-bus
1997 Mar 14
logo
Intel Corporation
8051AH INTEL-8051AH Datasheet
762Kb / 21P
MCS51 8-BIT CONTROL-ORIENTED MICROCONTROLLERS
logo
NXP Semiconductors
PCA84C640 PHILIPS-PCA84C640 Datasheet
236Kb / 40P
8-bit microcontrollers with OSD and VST
1996 Nov 29
logo
SMSC Corporation
EMC6D103 SMSC-EMC6D103_07 Datasheet
1Mb / 92P
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
EMC6D103S SMSC-EMC6D103S Datasheet
1Mb / 84P
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
logo
KODENSHI_AUK CORP.
KKA84C640ANS KODENSHI-KKA84C640ANS Datasheet
142Kb / 3P
8-BIT MICROCONTROLLERS WITH OCD AND VST
logo
Microchip Technology
MCP1623 MICROCHIP-MCP1623_10 Datasheet
543Kb / 26P
Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
2010
MCP1623 MICROCHIP-MCP1623_16 Datasheet
485Kb / 30P
Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
06/23/16
logo
SMSC Corporation
EMC6D103S SMSC-EMC6D103S_07 Datasheet
1Mb / 84P
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
logo
Microchip Technology
PIC16F527 MICROCHIP-PIC16F527 Datasheet
5Mb / 12P
8-bit PIC짰 Microcontrollers
03/12/14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com