Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADV7392EBZ Datasheet(PDF) 55 Page - Analog Devices

Part # ADV7392EBZ
Description  Low Power, Chip Scale 10-Bit SD/HD Video Encoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7392EBZ Datasheet(HTML) 55 Page - Analog Devices

Back Button ADV7392EBZ Datasheet HTML 51Page - Analog Devices ADV7392EBZ Datasheet HTML 52Page - Analog Devices ADV7392EBZ Datasheet HTML 53Page - Analog Devices ADV7392EBZ Datasheet HTML 54Page - Analog Devices ADV7392EBZ Datasheet HTML 55Page - Analog Devices ADV7392EBZ Datasheet HTML 56Page - Analog Devices ADV7392EBZ Datasheet HTML 57Page - Analog Devices ADV7392EBZ Datasheet HTML 58Page - Analog Devices ADV7392EBZ Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 96 page
background image
ADV7390/ADV7391/ADV7392/ADV7393
Rev. 0 | Page 55 of 96
ED/HD SHARPNESS FILTER AND ADAPTIVE FILTER
CONTROLS
Subaddress 0x40, Subaddress 0x58 to Subaddress 0x5D
There are three filter modes available on the ADV739x:
sharpness filter mode and two adaptive filter modes.
ED/HD Sharpness Filter Mode
To enhance or attenuate the Y signal in the frequency ranges
shown in Figure 74, the ED/HD sharpness filter must be
enabled (Subaddress 0x31, Bit 7 = 1) and the ED/HD adaptive
filter must be disabled (Subaddress 0x35, Bit 7 = 0).
To select one of the 256 individual responses, the corresponding
gain values, ranging from −8 to +7 for each filter, must be
programmed into the ED/HD sharpness filter gain register at
Subaddress 0x40.
ED/HD Adaptive Filter Mode
In ED/HD adaptive filter mode, the following registers are used:
•
ED/HD Adaptive Filter Threshold A
•
ED/HD Adaptive Filter Threshold B
•
ED/HD Adaptive Filter Threshold C
•
ED/HD Adaptive Filter Gain 1
•
ED/HD Adaptive Filter Gain 2
•
ED/HD Adaptive Filter Gain 3
•
ED/HD sharpness filter gain register
To activate the adaptive filter control, the ED/HD sharpness
filter and the ED/HD adaptive filter must be enabled
(Subaddress 0x31, Bit 7 = 1, and Subaddress 0x35, Bit 7 = 1,
respectively).
The derivative of the incoming signal is compared to the three
programmable threshold values: ED/HD Adaptive Filter
Threshold A, Threshold B, and Threshold C (Subaddress 0x5B,
Subaddress 0x5C, and Subaddress 0x5D). The recommended
threshold range is 16 to 235, although any value in the range of
0 to 255 can be used.
The edges can then be attenuated with the settings in the
ED/HD Adaptive Filter Gain 1, Gain 2, and Gain 3 registers
(Subaddress 0x58, Subaddress 0x59 and Subaddress 0x5A), and
the ED/HD sharpness filter gain register (Subaddress 0x40).
There are two adaptive filter modes available. The mode is
selected using the ED/HD adaptive filter mode control
(Subaddress 0x35, Bit 6):
•
Mode A is used when the ED/HD adaptive filter mode
control is set to 0. In this case, Filter B (LPF) is used in the
adaptive filter block. In addition, only the programmed
values for Gain B in the ED/HD sharpness filter gain
register and ED/HD Adaptive Filter Gain 1, Gain 2, and
Gain 3 registers are applied when needed. The Gain A
values are fixed and cannot be changed.
•
Mode B is used when ED/HD adaptive filter mode control is
set to 1. In this mode, a cascade of Filter A and Filter B is used.
Both settings for Gain A and Gain B in the ED/HD sharpness
filter gain register and ED/HD Adaptive Filter Gain 1, Gain 2,
and Gain 3 registers become active when needed.
FREQUENCY (MHz)
FILTER A RESPONSE (Gain Ka)
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
FREQUENCY (MHz)
FILTER B RESPONSE (Gain Kb)
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
FREQUENCY (MHz)
1.0
1.1
1.2
1.3
1.4
1.5
1.6
10
12

INPUT
SIGNAL:
STEP
FREQUENCY RESPONSE IN SHARPNESS
FILTER MODE WITH Ka = 3 AND Kb = 7
SHARPNESS AND ADAPTIVE FILTER CONTROL BLOCK
02
4
6
8
Figure 74. ED/HD Sharpness and Adaptive Filter Control Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com