Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FS8853-16PI Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FS8853-16PI
Description  300mA LDO Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS8853-16PI Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FS8853-16PI Datasheet HTML 1Page - List of Unclassifed Manufacturers FS8853-16PI Datasheet HTML 2Page - List of Unclassifed Manufacturers FS8853-16PI Datasheet HTML 3Page - List of Unclassifed Manufacturers FS8853-16PI Datasheet HTML 4Page - List of Unclassifed Manufacturers FS8853-16PI Datasheet HTML 5Page - List of Unclassifed Manufacturers FS8853-16PI Datasheet HTML 6Page - List of Unclassifed Manufacturers FS8853-16PI Datasheet HTML 7Page - List of Unclassifed Manufacturers FS8853-16PI Datasheet HTML 8Page - List of Unclassifed Manufacturers FS8853-16PI Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
FS8853
300mA LDO Linear Regulator
Fortune Semiconductor Co.
TEL : +886-2-2809-4742
3/13
TD-0405006
Rev. 1.5
http://www.fsc.com.tw
FAX: +886-2-2809-4874
P
Piin
n D
Deessccrriip
pttiioon
n
Part NO.
Symbol
Description
GND
Ground pin.
IN
Regulator input pin.
FS8853-xxCA
FS8853-xxCB
FS8853-xxCC
FS8853-xxCV
FS8853-xxCD
FS8853-xxCE
FS8853-xxCF
FS8853-xxCW
FS8853-xxCK
FS8853-xxCL
FS8853-xxCI
FS8853-xxCY
OUT
Regulator output pin.
IN is the regulator input pin. Supply voltage can range from 2.5V to 9.0V. Bypass with a 1µF capacitor to
GND.
OUT is the output voltage pin. Sources up to 300mA. Bypass with a 3.3µF capacitor to GND.
GND provides the reference for all voltages.
F
Fu
un
nccttiioon
naall B
Blloocck
k D
Diiaaggrraam
m
1.25V
Bandgap
Reference
Thermal
Protection
Current Limit
R2
R1
Shutdown
Logic
IN
GND
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com