Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

K4M51163LC Datasheet(PDF) 4 Page - Samsung semiconductor

Part # K4M51163LC
Description  8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4M51163LC Datasheet(HTML) 4 Page - Samsung semiconductor

  K4M51163LC Datasheet HTML 1Page - Samsung semiconductor K4M51163LC Datasheet HTML 2Page - Samsung semiconductor K4M51163LC Datasheet HTML 3Page - Samsung semiconductor K4M51163LC Datasheet HTML 4Page - Samsung semiconductor K4M51163LC Datasheet HTML 5Page - Samsung semiconductor K4M51163LC Datasheet HTML 6Page - Samsung semiconductor K4M51163LC Datasheet HTML 7Page - Samsung semiconductor K4M51163LC Datasheet HTML 8Page - Samsung semiconductor K4M51163LC Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
K4M51163LC - R(B)N/G/L/F
March 2006
4
Mobile SDRAM
DC OPERATING CONDITIONS
CAPACITANCE (VDD = 2.5V, TA = 23°C, f = 1MHz, VREF =0.9V ± 50 mV)
Pin
Symbol
Min
Max
Unit
Note
Clock
CCLK
1.5
3.0
pF
RAS, CAS, WE, CS, CKE, DQM
CIN
1.5
3.0
pF
Address
CADD
1.5
3.0
pF
DQ0 ~ DQ15
COUT
3.0
5.0
pF
ABSOLUTE MAXIMUM RATINGS
NOTES:
Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
Parameter
Symbol
Value
Unit
Voltage on any pin relative to Vss
VIN, VOUT
-1.0 ~ 3.6
V
Voltage on VDD supply relative to Vss
VDD, VDDQ
-1.0 ~ 3.6
V
Storage temperature
TSTG
-55 ~ +150
°C
Power dissipation
PD
1.0
W
Short circuit current
IOS
50
mA
Recommended operating conditions (Voltage referenced to VSS = 0V, TA = -25 to 85
°C for Extended, -25 to 70°C for Commercial)
NOTES :
1. Under all conditions, VDDQ must be less than or equal to VDD.
2. VIH (max) = 3.0V AC.The overshoot voltage duration is
≤ 3ns.
3. VIL (min) = -1.0V AC. The undershoot voltage duration is
≤ 3ns.
4. Any input 0V
≤ VIN ≤ VDDQ.
Input leakage currents include Hi-Z output leakage for all bi-directional buffers with tri-state outputs.
5. Dout is disabled, 0V
≤ VOUT ≤ VDDQ.
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply voltage
VDD
2.3
2.5
2.7
V
1
VDDQ
2.3
2.5
2.7
V
1
Input logic high voltage
VIH
0.8 x VDDQ
-
VDDQ + 0.3
V
2
Input logic low voltage
VIL
-0.3
0
0.3
V
3
Output logic high voltage
VOH
VDDQ -0.2
-
-
V
IOH = -0.1mA
Output logic low voltage
VOL
-
-
0.2
V
IOL = 0.1mA
Input leakage current
ILI
-10
-
10
uA
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com