Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMBD770WS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MMBD770WS
Description  SURFACE MOUNT SCHOTTKY DIODE (Voltage Range 70 Volts Power 200mWatts)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MMBD770WS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MMBD770WS Datasheet HTML 1Page - List of Unclassifed Manufacturers MMBD770WS Datasheet HTML 2Page - List of Unclassifed Manufacturers MMBD770WS Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Http://www.upm.com.tw
E-mail:upm.tw@msa.hinet.net
MMBD770WS
SURFACE MOUNT SCHOTTKY DIODE
Voltage Range 70 Volts
Power 200mWatts
U P M
Characteristic Curves
Fig.1 Typical Reverse Leakage
Fig.3 Typical Total Capacitance
Fig.2 Typical Forward Voltage
0.01
0.1
1
10
100
0
20
40
60
80
Reverse Voltage, V R (V)
TA = 75 °C
T
A = 125 °C
TA = 25 °C
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
Forward Voltage, VF (V)
TA = 75°C
TA = 25 °C
TA = 125°C
TA = -25 °C
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
10
20
30
40
50
60
VR, Reverse Voltage (V)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com