Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS91719 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS91719
Description  Low EMI, Spread Modulating, Clock Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS91719 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS91719 Datasheet HTML 1Page - Renesas Technology Corp ICS91719 Datasheet HTML 2Page - Renesas Technology Corp ICS91719 Datasheet HTML 3Page - Renesas Technology Corp ICS91719 Datasheet HTML 4Page - Renesas Technology Corp ICS91719 Datasheet HTML 5Page - Renesas Technology Corp ICS91719 Datasheet HTML 6Page - Renesas Technology Corp ICS91719 Datasheet HTML 7Page - Renesas Technology Corp ICS91719 Datasheet HTML 8Page - Renesas Technology Corp ICS91719 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ICS91719
0506E—06/24/09
Block Diagram
Pin Configuration
16-pin TSSOP
Features:
•
ICS91719 is a Spread Spectrum Clock targeted for
Mobile PC and LCD panel applications. Generates an
EMI optimized clock signal (EMI peak reduction of 7-
14 dB on 3rd-19th harmonics) through use of Spread
Spectrum techniques.
•
ICS91719 focuses on the lower input frequency
range of 14.318 to 80.00 MHz with a spread
modulation of 20kHz to 40kHz.
Specifications:
•
Supply Voltages: VDD = 3.3V ±0.3V
•
Frequency range: 14.318 MHz
≤Fin ≥ 80 MHz
•
Cyc to Cyc jitter: <150ps
•
Output duty cycle 40/60% (worst case)
•
Guarantees +85°C operational condition.
•
16-pin TSSOP package 4.4mm body (173mils), 0.65
mm pitch
•
14.318 MHz crystal input or reference clock input
•
27MHz, 48MHz and 66MHz reference clock input
Low EMI, Spread Modulating, Clock Generator
** Internal pull-down
^ Internal pull-up
CLK
CL
REFOUT
KOUT
OUT
PD#
PD#
SPREAD#
SPREAD#
CLKIN
CLKIN
PLL1
PLL1
Spread
Spread
Spectr
Spectrum
um
SD
SDA
AT
T
REF_STOP
A
A
SCLK
SCLK
FS_IN0:1
Control
Control
Logic
Logic
Config.
Config.
Reg.
Reg.
REF Voltage Select Functionality
Input Select Functionality
Pin14
Pin15
REF Voltage
0
0
N/A
0
1
1.8V
1
0
2.5V
1
1
3.3V
FS_IN1
FS_IN0
MHZ
Default Spread %
0
0
14.318 in 27.00 out
-0.8% downspread
0
1
14.318 in/out
-0.8% downspread
1
0
27.00 in/out
-0.8% downspread
1
1
48.00 in/out
66.66 in/out
-0.8% downspread
GND 1
16 VDDREF
X1 _CLKIN 2
15 VDDREF_SEL_2.5V/3.3V# ^
X2 3
14 REF_OUT/VDDREF_SEL_1.8V * *
GNDA 4
13 **REF_Stop
VDDA 5
12 ^PD#
VDD 6
11 SCLK
GND 7
10 SDATA
* * CLKOUT/FS_IN0 8
9 ^SPREAD_ENABLE/FS_IN1


Similar Part No. - ICS91719

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS91719 ICST-ICS91719 Datasheet
76Kb / 10P
Low EMI, Spread Modulating, Clock Generator
ICS91719YGLF-T ICST-ICS91719YGLF-T Datasheet
76Kb / 10P
Low EMI, Spread Modulating, Clock Generator
More results

Similar Description - ICS91719

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS91718 ICST-ICS91718 Datasheet
84Kb / 11P
Low EMI, Spread Modulating, Clock Generator
ICS91720 ICST-ICS91720 Datasheet
91Kb / 11P
Low EMI, Spread Modulating, Clock Generator
ICS91719 ICST-ICS91719 Datasheet
76Kb / 10P
Low EMI, Spread Modulating, Clock Generator
ICS91730 ICST-ICS91730 Datasheet
128Kb / 11P
Low EMI, Spread Modulating, Clock Generator
logo
Cypress Semiconductor
FS791 CYPRESS-FS791 Datasheet
143Kb / 9P
Low EMI Spectrum Spread Clock
CYIFS781BSXC CYPRESS-CYIFS781BSXC Datasheet
252Kb / 12P
Low EMI Spectrum Spread Clock
logo
Integrated Device Techn...
ICS91730 IDT-ICS91730 Datasheet
165Kb / 11P
LOW EMI, SPREAD MODULATING, CLOCK GENERATOR
logo
Renesas Technology Corp
ICS91718 RENESAS-ICS91718 Datasheet
301Kb / 12P
Low EMI, Spread Modulating, Clock Generator
2019
ICS91720 RENESAS-ICS91720 Datasheet
270Kb / 12P
Low EMI, Spread Modulating, Clock Generator
2019
ICS91730 RENESAS-ICS91730 Datasheet
334Kb / 12P
LOW EMI, SPREAD MODULATING, CLOCK GENERATOR
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com