Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS93725 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS93725
Description  DDR and SDRAM Zero Delay Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS93725 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS93725 Datasheet HTML 1Page - Renesas Technology Corp ICS93725 Datasheet HTML 2Page - Renesas Technology Corp ICS93725 Datasheet HTML 3Page - Renesas Technology Corp ICS93725 Datasheet HTML 4Page - Renesas Technology Corp ICS93725 Datasheet HTML 5Page - Renesas Technology Corp ICS93725 Datasheet HTML 6Page - Renesas Technology Corp ICS93725 Datasheet HTML 7Page - Renesas Technology Corp ICS93725 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
ICS93725
0606A—08/01/03
Absolute Maximum Ratings
Supply Voltage (VDD & VDD2.5) . . . . . . . . . -0.5V to 3.6V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . 0°C to +85°C
Case Temperature . . . . . . . . . . . . . . . . . . . . . 115°C
Storage Temperature . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Stresses above those listed under
Absolute Maximum Ratings may cause permanent damage to the device. These
ratings are stress specifications only and functional operation of the device at these or any other conditions above those
listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect product reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters
SEL_DDR=0 SDRAM Outputs VDD=3.3V, TA=0 - 85°C; (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
100MHz, RL=0Ω, CL = 0pF
130
133MHz, RL=0Ω, CL = 0pF
173
mA
200MHz, RL=0Ω, CL = 0pF
247
mA
Output High Current
IOH
VDD=3.3V, VOUT=1V
-40
-18
mA
Output Low Current
IOL
VDD=3.3V, VOUT=1.2V
26
34
mA
VDD=3.3V
IOH = -12 mA
VDD=3.3V
IOH = 12 mA
Input Capacitance
1
CIN
VI = GND or VDD
2pF
1Guaranteed by design, not 100% tested in production.
VOH
High-level output voltage
Operating Supply Current
IDD3.3
V
2
1.7
0.4
0.6
Low-level output voltage
V
VOL
Recommended Operating Condition
SEL_DDR=0 SDRAM Outputs VDD=3.3V, TA=0 - 85°C; (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply Voltage
VDD3.3
33.3
3.6
V
Input High Voltage
VIH
SEL_DDR, PD# input
2
V
Input Low Voltae
VIL
SEL_DDR, PD# input
0.8
V
Input Voltage Level
VIN
03.3
3.6
V
1Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com