Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB-2COMI-SI-M Datasheet(PDF) 2 Page - Coolgear Inc.

Part # USB-2COMI-SI-M
Description  2 Port USB to RS-422 /485 Optical Isolated Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.

USB-2COMI-SI-M Datasheet(HTML) 2 Page - Coolgear Inc.

  USB-2COMI-SI-M Datasheet HTML 1Page - Coolgear Inc. USB-2COMI-SI-M Datasheet HTML 2Page - Coolgear Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
TECHNICAL DATA SHEET
CoolGear, Inc.
5120 110th Ave N
Clearwater, FL 33760
P: +1-727-209-1300
F: +1-727-209-1302
www.coolgear.com
Specifications
Overview
Interface
USB 2.0 & USB 3.0 / Serial
Protections
2000 Volt DC optical isolation / Up to 25KV ESD
Port Connections
2x DB-9 Male / USB Type-B Female Upstream / 2x 5-Wire Terminal Connection
Protocol
RS-422 / RS-485
Data Rate
300 bps to 1M bps
Color
Black
Compliance
TAA
Certifications
CE, FCC
Physical Features
Construction
SECC Metal
Cable Length
3ft.
Dimensions
4.52(L)x3.30(W)x1.03in(H)
Weight
.668 lbs
OS Support
Supports Windows XP to 10, Server 2000 to Server 2016 (WHQL certified), Linux Kernel 2.4 and
above
Serial Signals
RS-422 Data Signals
TX-, TX+, RX+, RX-, GND, RTS-, RTS+, CTS+, CTS-
RS-485 Data Signals
TX-, TX+, RX+, RX-(4 wire), and data-, data+(2 wire)
Serial COM Parameters
Data Bits
5, 6, 7, 8
Stop Bits
1, 1.5, 2
Parity
None, Even, Odd, Space, Mark
Flow Control
Hardware (RTS/CTS) XON/XOFF
FIFO
128 byte transmit / 384 byte receive
USB Speed
12Mbps, full-speed USB
Power Modes
Input Power
Power supplied via USB (5V) connector No external power needed
Environment
Operating Temperature
0 to 55°C (32 to 131 °F)
Operating Humidity
5 to 95% RH
Storage Temperature
-20 to 75°C (-4 to 167 °F)
General Applications
Applications
Factory Automation, Data Centers, Serial Equipment, Kiosk, Office, and others.
Product URL
USB-2COMi-Si-M
product page
https://www.coolgear.com/product/2-port-usb-to-rs-422-485-optical-isolated-adapter



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com