Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRGPC40K Datasheet(PDF) 1 Page - International Rectifier

Part # IRGPC40K
Description  INSULATED GATE BIPOLAR TRANSISTOR Short Circuit Rated UltraFast IGBT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGPC40K Datasheet(HTML) 1 Page - International Rectifier

  IRGPC40K Datasheet HTML 1Page - International Rectifier IRGPC40K Datasheet HTML 2Page - International Rectifier IRGPC40K Datasheet HTML 3Page - International Rectifier IRGPC40K Datasheet HTML 4Page - International Rectifier IRGPC40K Datasheet HTML 5Page - International Rectifier IRGPC40K Datasheet HTML 6Page - International Rectifier IRGPC40K Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
IRGPC40K
Short Circuit Rated
UltraFast IGBT
INSULATED GATE BIPOLAR TRANSISTOR
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-Case
------
------
0.77
RθCS
Case-to-Sink, flat, greased surface
------
0.24
------
°C/W
RθJA
Junction-to-Ambient, typical socket mount
------
------
40
Wt
Weight
------
6 (0.21)
------
g (oz)
Features
• Short circuit rated - 10µs @ 125°C, VGE = 15V
• Switching-loss rating includes all "tail" losses
• Optimized for high operating frequency (over
5kHz)
See Fig. 1 for Current vs. Frequency
curve
VCES = 600V
VCE(sat)
≤ 3.2V
@VGE = 15V, IC = 25A
E
C
G
n-channel
Absolute Maximum Ratings
Parameter
Max.
Units
VCES
Collector-to-Emitter Voltage
600
V
IC @ TC = 25°C
Continuous Collector Current
42
IC @ TC = 100°C
Continuous Collector Current
25
A
ICM
Pulsed Collector Current

84
ILM
Clamped Inductive Load Current
‚
84
tsc
Short Circuit Withstand Time
10
µs
VGE
Gate-to-Emitter Voltage
±20
V
EARV
Reverse Voltage Avalanche Energy
ƒ
15
mJ
PD @ TC = 25°C
Maximum Power Dissipation
160
W
PD @ TC = 100°C
Maximum Power Dissipation
65
TJ
Operating Junction and
-55 to +150
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 sec.
300 (0.063 in. (1.6mm) from case)
Mounting torque, 6-32 or M3 screw.
10 lbf•in (1.1N•m)
TO -24 7AC
PD - 9.1077
Thermal Resistance
Insulated Gate Bipolar Transistors (IGBTs) from International Rectifier
have higher usable current densities than comparable bipolar transistors,
while at the same time having simpler gate-drive requirements of the
familiar power MOSFET. They provide substantial benefits to a host of
high-voltage, high-current applications.
These new short circuit rated devices are especially suited for motor
control and other applications requiring short circuit withstand capability.
Description


Similar Part No. - IRGPC40K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGPC40K IRF-IRGPC40K Datasheet
98Kb / 35P
Fit Rate / Equivalent Device Hours
IRGPC40KD2 IRF-IRGPC40KD2 Datasheet
149Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Short Circuit Rated
IRGPC40KD2 IRF-IRGPC40KD2 Datasheet
98Kb / 35P
Fit Rate / Equivalent Device Hours
More results

Similar Description - IRGPC40K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGPC40KD2 IRF-IRGPC40KD2 Datasheet
149Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Short Circuit Rated
IRG4ZH71KD IRF-IRG4ZH71KD Datasheet
245Kb / 10P
Surface Mountable Short Circuit Rated UltraFast IGBT (INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE)
IRG4PH30KPBF IRF-IRG4PH30KPBF Datasheet
345Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR Short Circuit Rated Ultrafast IGBT
IRG4PC40KPBF IRF-IRG4PC40KPBF Datasheet
235Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR Short Circuit Rated UltraFast IGBT
IRGBC30KD2 IRF-IRGBC30KD2 Datasheet
145Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Short Circuit Rated UltraFast CoPack IGBT
IRGPC20K IRF-IRGPC20K Datasheet
110Kb / 7P
INSULATED GATE BIPOLAR TRANSISTOR Short Circuit Rated UltraFast IGBT
IRG4RC10KPBF IRF-IRG4RC10KPBF Datasheet
188Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR Short Circuit Rated UltraFast IGBT
IRG4BC30KDPBF IRF-IRG4BC30KDPBF Datasheet
321Kb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Short Circuit Rated UltraFast 1GBT
IRG4PC60UPBF IRF-IRG4PC60UPBF Datasheet
236Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
IRG4BC30K-SPBF IRF-IRG4BC30K-SPBF Datasheet
271Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR Short Ciruit Rated UltraFast IGBT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com