Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTST-C193KSWT-PH2 Datasheet(PDF) 7 Page - Lite-On Technology Corporation

Part # LTST-C193KSWT-PH2
Description  Process Change Notification
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-C193KSWT-PH2 Datasheet(HTML) 7 Page - Lite-On Technology Corporation

Back Button LTST-C193KSWT-PH2 Datasheet HTML 3Page - Lite-On Technology Corporation LTST-C193KSWT-PH2 Datasheet HTML 4Page - Lite-On Technology Corporation LTST-C193KSWT-PH2 Datasheet HTML 5Page - Lite-On Technology Corporation LTST-C193KSWT-PH2 Datasheet HTML 6Page - Lite-On Technology Corporation LTST-C193KSWT-PH2 Datasheet HTML 7Page - Lite-On Technology Corporation LTST-C193KSWT-PH2 Datasheet HTML 8Page - Lite-On Technology Corporation LTST-C193KSWT-PH2 Datasheet HTML 9Page - Lite-On Technology Corporation LTST-C193KSWT-PH2 Datasheet HTML 10Page - Lite-On Technology Corporation LTST-C193KSWT-PH2 Datasheet HTML 11Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7/7
PCN No. :
PCN-20180087
Product /Process Change Notification
LITE-ON
Appendix 2
*Note 2:
The change impacts on ChipLED using 7” reel, but 13” reel is an exception.
PNs of 13” reel to be excluded are as below.
LTST-C150KEKT-TY
LTST-C1912KGKT-S2
LTST-C21KGKT-S2
LTST-C150KSKT-BN
LTST-C1912KRKTDIL1
LTST-C21KGKT-W
LTST-C150KSKT-BN1
LTST-C1912KSKT-S2
LTST-C21KRKT-S
LTST-C150KSKT-TY
LTST-C1912KSKTDIL1
LTST-C21KRKT-S2
LTST-C150TBKT-BN
LTST-C1912KSKTDIL2
LTST-C21KSKT-S
LTST-C150TGKT-TY
LTST-C191KFKT-DL
LTST-C21KSKT-S2
LTST-C170GKT-BN
LTST-C191KGKT-BT1
LTST-C21TBKT-S
LTST-C170KGKT-BN
LTST-C191KRKT-BT1
LTST-C281KGKT-BN
LTST-C170KRKT-BN
LTST-C191KRKT-CO
LTST-C281KRKT-BN
LTST-C170UBKT-BN
LTST-C191KRKT-EG
LTST-C281NEKT-BN
LTST-C190GKT-EL1
LTST-C191KSKT-BT3
LTST-C930KGKT-ST
LTST-C190GKT-TC
LTST-C191NRKT-BS1
LTST-C930KRKT-ST
LTST-C190KFKT-F
LTST-C193KFWT-PH2
LTST-C930KSKT-ST
LTST-C190KGKT-R
LTST-C193KGWT-PH2
LTW-C150DS5-TY
LTST-C190KRKT-DIL
LTST-C193KRWT-PH2
LTW-C150DS5-TY1
LTST-C190KRKT-ES
LTST-C193KSWT-PH2
LTW-C191DS-BH1
LTST-C190KRKT-HK
LTST-C193TBWT-PH2
LTW-C191TS5-DIL
LTST-C190KRKT-S1
LTST-C195KGJRWTPH2
LTW-C193TS5-PH2
LTST-C190KSKT-S1
LTST-C19AQSKT-P
LTW-C193TS5-PH3
LTST-C190KSKT-ST
LTST-C19FD4WT-BN
LTW-C281DS5-BN
LTST-C1912KEKT-S2
LTST-C21JBKT-5A
LTW-C281DS5-OC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com