Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S75WS256NDFBAWNH0 Datasheet(PDF) 4 Page - SPANSION

Part # S75WS256NDFBAWNH0
Description  Stacked Multi-Chip Product (MCP)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWNH0 Datasheet(HTML) 4 Page - SPANSION

  S75WS256NDFBAWNH0 Datasheet HTML 1Page - SPANSION S75WS256NDFBAWNH0 Datasheet HTML 2Page - SPANSION S75WS256NDFBAWNH0 Datasheet HTML 3Page - SPANSION S75WS256NDFBAWNH0 Datasheet HTML 4Page - SPANSION S75WS256NDFBAWNH0 Datasheet HTML 5Page - SPANSION S75WS256NDFBAWNH0 Datasheet HTML 6Page - SPANSION S75WS256NDFBAWNH0 Datasheet HTML 7Page - SPANSION S75WS256NDFBAWNH0 Datasheet HTML 8Page - SPANSION S75WS256NDFBAWNH0 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2
S73WS-P based MCP Products
S73WS-P_00_A0 March 16, 2006
Data
Sheet
( A dva n ce
I n f o r m a t i on)
1.
Product Selector Guide
2.
MCP Block Diagram
2.1
NOR Flash + DRAM MCPs
Device
NOR Flash
Density
NOR Flash
Speed
DRAM
Density
DRAM Speed
DRAM Supplier
Package
S73WS512PD0HF64V
512 Mb
66 MHz
128 Mb
104 MHz (SDR)
Type 5
MCP
9 x 12 mm
A0-Amax
A0-Amax
F-RDY
RDY
DQ15-DQ0
F-CLK
CLK
F-AVD#
AVD#
F-CE#
CE#
F-OE#
OE#
F-RST#
RESET#
VSS
F-VSS
F-ACC
ACC
VSSQ
F-VSSQ
F-WP#
WP#
F-WE#
WE#
VCC
F-VCC
VCCQ
F-VCCQ
D-RAS#
RAS#
CLK
D-CLK
D-CAS#
CAS#
D-BA0
BA0
D-BA1
BA1
D-CKE
CKE
LDQM
D-DM0
D-WE#
WE#
UDQM
D-DM1
A0-Amax
DQ15-DQ0
D-VCC
VCC
VSS
D-VSS
D-VCC
Q
VCCQ
VSSQ
D-VSSQ
WS-P
NOR Flash
Memory
SDR
DRAM
MEMORY
DQ15-DQ0
D-CE#
CE#



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com