Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DM5W27Q Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DM5W27Q
Description  3600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DM5W27Q Datasheet(HTML) 3 Page - Diodes Incorporated

  DM5W27Q Datasheet HTML 1Page - Diodes Incorporated DM5W27Q Datasheet HTML 2Page - Diodes Incorporated DM5W27Q Datasheet HTML 3Page - Diodes Incorporated DM5W27Q Datasheet HTML 4Page - Diodes Incorporated DM5W27Q Datasheet HTML 5Page - Diodes Incorporated DM5W27Q Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DM5W27Q
Document number: DS41565 Rev. 6 - 2
3 of 6
www.diodes.com
February 2022
© Diodes Incorporated
DM5W27Q
0.01
0.1
1
10
100
0.01
0.1
1
10
100
t1, PULSE DURATION TIME (sec)
Fig. 5 Typical Transient Thermal Impedance
RθJA
RθJC
500
1000
1500
2000
2500
3000
3500
4000
4500
0
4
8
12
16
20
24
28
32
36
40
V
R, REVERSE VOLTAGE (V)
Fig. 6 Typical Total Capacitance
f = 1MHz
TA = 25°
C
0
1
2
3
4
5
6
7
8
25
50
75
100
125
150
175
Fig. 1 Power Derating Curve
T
C, CASE TEMPERATURE (°
C)
0
500
1000
1500
2000
2500
3000
25
50
75
100
125
150
175
T
C, CASE TEMPERATURE (°
C)
Fig. 2 Load Dump Power Characteristics
(10ms Exponential Waveform)
1000
10000
10
100
PULSE WIDTH (ms) - 1/2 I
PP EXPONENTIAL
WAVEFORM
Fig. 4 Reverse Power Capability



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com