Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GD32E230F4P6 Datasheet(PDF) 74 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32E230F4P6
Description  ARM Cortex-M23 32-bit MCU
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32E230F4P6 Datasheet(HTML) 74 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32E230F4P6 Datasheet HTML 68Page - GigaDevice Semiconductor (Beijing) Inc. GD32E230F4P6 Datasheet HTML 69Page - GigaDevice Semiconductor (Beijing) Inc. GD32E230F4P6 Datasheet HTML 70Page - GigaDevice Semiconductor (Beijing) Inc. GD32E230F4P6 Datasheet HTML 71Page - GigaDevice Semiconductor (Beijing) Inc. GD32E230F4P6 Datasheet HTML 72Page - GigaDevice Semiconductor (Beijing) Inc. GD32E230F4P6 Datasheet HTML 73Page - GigaDevice Semiconductor (Beijing) Inc. GD32E230F4P6 Datasheet HTML 74Page - GigaDevice Semiconductor (Beijing) Inc. GD32E230F4P6 Datasheet HTML 75Page - GigaDevice Semiconductor (Beijing) Inc. GD32E230F4P6 Datasheet HTML 76Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 74 / 76 page
background image
GD32E230xx Datasheet
73
6
Ordering information
Table 6-1. Part ordering code for GD32E230xx devices
Ordering code
Flash (KB)
Package
Package type
Temperature
operating range
GD32E230F4P6
16
TSSOP20
Green
Industrial
-40 °C to +85 °C
GD32E230F6P6
32
TSSOP20
Green
Industrial
-40 °C to +85 °C
GD32E230F8P6
64
TSSOP20
Green
Industrial
-40 °C to +85 °C
GD32E230F4V6
16
LGA20
Green
Industrial
-40 °C to +85 °C
GD32E230F6V6
32
LGA20
Green
Industrial
-40 °C to +85 °C
GD32E230F8V6
64
LGA20
Green
Industrial
-40 °C to +85 °C
GD32E230G4U6
16
QFN28
Green
Industrial
-40 °C to +85 °C
GD32E230G6U6
32
QFN28
Green
Industrial
-40 °C to +85 °C
GD32E230G8U6
64
QFN28
Green
Industrial
-40 °C to +85 °C
GD32E230K4U6
16
QFN32
Green
Industrial
-40 °C to +85 °C
GD32E230K6U6
32
QFN32
Green
Industrial
-40 °C to +85 °C
GD32E230K8U6
64
QFN32
Green
Industrial
-40 °C to +85 °C
GD32E230K4T6
16
LQFP32
Green
Industrial
-40 °C to +85 °C
GD32E230K6T6
32
LQFP32
Green
Industrial
-40 °C to +85 °C
GD32E230K8T6
64
LQFP32
Green
Industrial
-40 °C to +85 °C
GD32E230C4T6
16
LQFP48
Green
Industrial
-40 °C to +85 °C
GD32E230C6T6
32
LQFP48
Green
Industrial
-40 °C to +85 °C
GD32E230C8T6
64
LQFP48
Green
Industrial
-40 °C to +85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com