Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CEG Datasheet(PDF) 13 Page - Sensata Technologies, Inc.

Part # CEG
Description  Hydraulic Magnetic Circuit Protectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

CEG Datasheet(HTML) 13 Page - Sensata Technologies, Inc.

Back Button CEG Datasheet HTML 9Page - Sensata Technologies, Inc. CEG Datasheet HTML 10Page - Sensata Technologies, Inc. CEG Datasheet HTML 11Page - Sensata Technologies, Inc. CEG Datasheet HTML 12Page - Sensata Technologies, Inc. CEG Datasheet HTML 13Page - Sensata Technologies, Inc. CEG Datasheet HTML 14Page - Sensata Technologies, Inc. CEG Datasheet HTML 15Page - Sensata Technologies, Inc. CEG Datasheet HTML 16Page - Sensata Technologies, Inc. CEG Datasheet HTML 17Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
OPERATING CHARACTERISTICS
Inrush Pulse Tolerance
The following table provides a comparison of inrush
pulse tolerance with and without the inertial delay
feature for each of the 50/60Hz delays. Pulse
tolerance is defined as a single pulse of half sine
wave peak current amplitude of 8 milliseconds
duration that will not trip the circuit breaker. The
table at left provides a guide to determine if the
inertia delay feature is required. Consult factory for
further assistance.
TYPICAL RESISTANCE / IMPEDANCE
Current Ratings
(Amps)
Impedance
DC
(ohms)
AC, 50/60Hz
(ohms)
AC, 400Hz
(ohms)
51, 52, 53, 59
61, 62, 63, 69
41, 42, 43, 49
0.200
45.8
28.5
71.94
1.00
1.38
1.10
2.85
2.00
0.371
0.29
0.76
5.00
0.055
0.051
0.12
10.0
0.017
0.016
0.032
20.0
0.006
0.006
0.010
30.0
0.003
0.004
0.006
50.0
0.0019
0.0018
—
DCR and Impedance based on 100% rated current applied and stabilized for
a minimum of one hour. Tolerance .05-2.5 amperes ± 20%: 2.6 -20 amperes
± 25%, 21-50 amperes ± 50%. Consult factory for special values and for coil
impedance of delays not shown.
PERCENTAGE OF RATED CURRENT VS TRIP TIME IN SECONDS
Delay
100%
125%
150%
200%
400%
600%
800%
1000%
41
No Trip
May Trip
.500 to 8.0
.150 to 1.9
.020 to .40
.006 to .25
.004 to .1
.004 to .05
42
No Trip
May Trip
5 to 70
2.2 to 25
.40 to 5.0
.012 to 2
.006 to .2
.006 to .15
43
No Trip
May Trip
35 to 350
12 to 120
1.5 to 20
.012 to 2.2
.01 to .22
.01 to .1
49
No Trip
May Trip
.100 Max
.050 Max
.020 Max
.020 Max
.020 Max
.020 Max
51*
No Trip
.500 to 6.5
.300 to 3.0
.100 to 1.2
.031 to .500
.011 to .25
.004 to .1
.004 to .08
52*
No Trip
2 to 60
1.8 to 30
1 to 10
.15 to 2.0
.015 to 1
.008 to .5
.006 to .1
53*
No Trip
80 to 700
40 to 400
15 to 150
2 to 20
.015 to 9
.015 to .55
.012 to .2
59*
No Trip
.120 Max
.100 Max
.050 Max
.022 Max
.017 Max
.017 Max
.017 Max
61*
No Trip
.700 to 12
.35 to 7.0
.130 to 3.0
.030 to 1
.015 to .3
.01 to .15
.008 to .1
62*
No Trip
10 to 120
6 to 60
2 to 20
.2 to 3.0
.015 to 2
.015 to .8
.01 to .25
63*
No Trip
50 to 700
30 to 400
10 to 150
1.5 to 20
.015 to 10
.013 to .85
.013 to .5
64
No Trip
.7 to 12
.35 to 7
.13 to 3
.030 to 1
.017 to .3
.01 to .16
.008 to .1
65
No Trip
10 to 120
6 to 60
2 to 20
.2 to 3
.02 to 2
.017 to .76
.01 to. 6
66
No Trip
50 to 700
30 to 400
10 to 150
1.5 to 20
.4 to 10
.014 to 5
.014 to 3
69*
No Trip
.120 Max
.100 Max
.050 Max
.022 Max
.017 Max
.017 Max
.017 Max
71**
No Trip
.440 to 10
.300 to 7
.100 to 3.0
.03 to 1
.012 to .3
.004 to .15
.004 to .1
72**
No Trip
1.8 to 100
1.7 to 60
1 to 20
.15 to 3
.015 to 2
.008 to .79
.006 to .28
73**
No Trip
50 to 600
30 to 400
10 to 150
1.8 to 20
.015 to 10
.015 to .88
.011 to .50
79**
No Trip
.120 Max
.100 Max
.050 Max
.023 Max
.016 Max
.015 Max
.015 Max
*CEG type units are available only with 51, 52, ,53 and 59 delays LEG type units are available only with 61, 62, 63 and 69 delays
**135% minimum trip point for delays 71, 72, 73 and 79
INRUSH PULSE TOLERANCE
Delay
Pulse Tolerance
61, 62, 63, 71, 72, 73
10 times rated current (approx)
61F, 62F, 63F, 71F, 72F, 73F
12 times rated current (approx)
64, 65, 66
25 times rated current (approx)
IAG Series - Operating Characteristics
110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com