Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS8440259D-45 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS8440259D-45
Description  FEMTOCLOCK™ CRYSTAL/LVCMOS-TOLVDS LVCMOS FREQUENCY SYNTHESIZER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8440259D-45 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS8440259D-45 Datasheet HTML 9Page - Renesas Technology Corp ICS8440259D-45 Datasheet HTML 10Page - Renesas Technology Corp ICS8440259D-45 Datasheet HTML 11Page - Renesas Technology Corp ICS8440259D-45 Datasheet HTML 12Page - Renesas Technology Corp ICS8440259D-45 Datasheet HTML 13Page - Renesas Technology Corp ICS8440259D-45 Datasheet HTML 14Page - Renesas Technology Corp ICS8440259D-45 Datasheet HTML 15Page - Renesas Technology Corp ICS8440259D-45 Datasheet HTML 16Page - Renesas Technology Corp ICS8440259D-45 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
IDT™ / ICS™ LVDS/LVCMOS FREQUENCY SYNTHESIZER
13
ICS8440259DK-45 REV. A FEBRUARY 26, 2009
ICS8440259D-45
FEMTOCLOCK™ CRYSTAL/LVCMOS-TO-LVDS/ LVCMOS FREQUENCY SYNTHESIZER
POWER CONSIDERATIONS
This section provides information on power dissipation and junction temperature for the ICS8440259D-45.
Equations and example calculations are also provided.
1. Power Dissipation.
The total power dissipation for the ICS840259D-45 is the sum of the core power plus the analog power plus the power dissipated in
the load(s). The following is the power dissipation for V
DD
= 3.3V + 5% = 3.465V, which gives worst case results.
Core and LVDS Output Power Dissipation
• Power (core, LVDS) = V
DD_MAX
* (I
DD
+ I
DDO_LVDS
+ I
DDA
) = 3.465V * (118mA + 160mA + 35mA) = 1084.545mW
LVCMOS Output Power Dissipation
•
Power (LVCMOS, no-load) = V
DD_MAX
* I
DDO_LVCMOS
= 3.465V * 10mA = 34.65mW
•
Output Impedance R
OUT
Power Dissipation due to Loading 50
Ω to V
DDO
/2
Output Current I
OUT = VDDO_MAX / [2 * (50Ω + ROUT)] = 3.465V / [2 * (50Ω + 25Ω)] = 23.1mA
•
Power Dissipation on the R
OUT per LVCMOS output
Power (R
OUT) = ROUT * (IOUT)
2
= 25
Ω * (23.1mA)2 = 13.3mW per output
•
Total Power Dissipation on the R
OUT
Total Power (R
OUT) = 13.3mW * 4 = 53.2mW
•
Dynamic Power Dissipation at 125MHz
Power (125MHz) = C
PD * Frequency * (VDDO)
2
= 15pF * 125MHz * (3.465V)2 = 22.5mW per output
Total Power (125MHz) = 22.5mW * 3 = 67.5mW
•
Dynamic Power Dissipation at 3.9MHz
Power (3.9MHz) = C
PD * frequency * (VDDO)
2
= 15pF * 3.90625MHz * (3.465V)2 = 0.7mW per output
Total Power Dissipation
• Total Power
= Power (core, LVDS) + Power (LVCMOS-no load) + Total Power (R
OUT) + Total Power (125MHz) + Total Power (3.9MHz)
= 1084.545mW + 34.65mW + 53.2mW + 67.5mW + 0.7mW
= 1240.595mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com