Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS8714008I Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ICS8714008I
Description  FemtoClock® Zero Delay Buffer/ Clock Generator for PCI Express™ and Ethernet
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8714008I Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ICS8714008I Datasheet HTML 5Page - Renesas Technology Corp ICS8714008I Datasheet HTML 6Page - Renesas Technology Corp ICS8714008I Datasheet HTML 7Page - Renesas Technology Corp ICS8714008I Datasheet HTML 8Page - Renesas Technology Corp ICS8714008I Datasheet HTML 9Page - Renesas Technology Corp ICS8714008I Datasheet HTML 10Page - Renesas Technology Corp ICS8714008I Datasheet HTML 11Page - Renesas Technology Corp ICS8714008I Datasheet HTML 12Page - Renesas Technology Corp ICS8714008I Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
ICS8714008I DATA SHEET
FEMTOCLOCK® ZERO DELAY BUFFER/CLOCK GENERATOR FOR PCI EXPRESSTM AND ETHERNET
ICS8714008DKI REVISION A NOVEMBER 25, 2013
9
©2013 Integrated Device Technology, Inc.
Table 4C. Differential DC Characteristics, VDD = 3.3V ± 5%, TA = -40°C to 85°C
NOTE 1: VIL should not be less than -0.3V.
NOTE 2: Common mode input voltage is defined as VIH.
Table 4D. M-LVDS DC Characteristics, VDD = 3.3V ± 5%, TA = -40°C to 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
IIH
Input High
Current
CLK, nCLK,
FBIN, nFBIN
VDD = VIN = 3.465V
150
µA
IIL
Input Low
Current
CLK, FBIN
VDD = 3.465V, VIN = 0V
-5
µA
nCLK, nFBIN
VDD = 3.465V, VIN = 0V
-150
µA
VPP
Peak-to-Peak Voltage;
NOTE 1
0.15
1.3
V
VCMR
Common Mode Input
Voltage; NOTE 1, 2
GND + 0.5
VDD – 0.85
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOD
Differential Output Voltage
370
410
470
mV
V
OD
VOD Magnitude Change
50
mV
VOS
Offset Voltage
0.3
2.1
2.3
V
V
OS
VOS Magnitude Change
50
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com