Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

72801L25LPFGI Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # 72801L25LPFGI
Description  DUAL CMOS SyncFIFO™
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

72801L25LPFGI Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button 72801L25LPFGI Datasheet HTML 9Page - Renesas Technology Corp 72801L25LPFGI Datasheet HTML 10Page - Renesas Technology Corp 72801L25LPFGI Datasheet HTML 11Page - Renesas Technology Corp 72801L25LPFGI Datasheet HTML 12Page - Renesas Technology Corp 72801L25LPFGI Datasheet HTML 13Page - Renesas Technology Corp 72801L25LPFGI Datasheet HTML 14Page - Renesas Technology Corp 72801L25LPFGI Datasheet HTML 15Page - Renesas Technology Corp 72801L25LPFGI Datasheet HTML 16Page - Renesas Technology Corp 72801L25LPFGI Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
16
DEPTH EXPANSION — IDT72801/72811/72821/72831/72841/72851
can be adapted to applications that require greater than 256/512/1,024/
2,048/4,096/8,192 words. The existence of double enable pins on the read
and write ports allow depth expansion. The Write Enable 2/Load (WENA2,
WENB2) pins are used as a second write enables in a depth expansion
configuration, thus the Programmable flags are set to the default values.
Depth expansion is possible by using one enable input for system control
while the other enable input is controlled by expansion logic to direct the flow
of data. A typical application would have the expansion logic alternate data
accessfromonedevicetothenextinasequentialmanner. TheseFIFOsoperate
intheDepthExpansionconfigurationwhenthefollowingconditionsaremet:
1. WENA2/LDA and WENB2/LDB pins are held HIGH during Reset so
that these pins operate as second Write Enables.
2. External logic is used to control the flow of data.
Please see the Application Note" DEPTH EXPANSION OF IDT'S SYN-
CHRONOUS FIFOs USING THE RING COUNTER APPROACH" for details
of this configuration.
NOTES:
1
. Industrial temperature range product for 15ns and 25ns speed grade are available as a standard device.
2. Green parts are available. For specific speeds and packages contact your sales office.
LEAD FINISH (SnPb) parts are in EOL process. Product Discontinuation Notice - PDN# SP-17-02
ORDERING INFORMATION
BLANK
3034 drw 19
XXXXX
Device Type
XX
Power
Speed
Package
Process/
Temperature
Range
Clock Cycle Time
(tCLK), Speed in
Nanoseconds
Commercial (0°C to +70°C)
X
256 x 9 Dual SyncFIFO
Thin Quad Flatpack (TQFP, PN64-1)
10
72801
Commercial Only
PF
Low Power
XX
X
L
I(1)
Industrial (-40°C to +85°C)
TF
Slim Thin Quad Flatpack(STQFP, PP64-1)
15
25
Commercial and Industrial
Commercial and Industrial
72811
72821
72831
72841
72851
512 x 9 Dual SyncFIFO
1,024 x 9 Dual SyncFIFO
2,048 x 9 Dual SyncFIFO
4,096 x 9 Dual SyncFIFO
8,192 x 9 Dual SyncFIFO
X
G
(2)
Green
BLANK
8
Tube or Tray
Tape and Reel
X
DATASHEET DOCUMENT HISTORY
04/24/2001
pgs. 4, 5 and 16.
02/10/2006
pgs. 1 and 16.
01/13/2009
pg.
16.
03/20/2013
pg.
1, 3, 7 and 16.
02/01/2018
Product Discontinuation Notice - PDN# SP-17-02
Last time buy expires June 15, 2018.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com