Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CA-CDP-DEBUG Datasheet(PDF) 26 Page - Multi-Tech Systems, Inc.

Part # CA-CDP-DEBUG
Description  DE15M-DE9F Serial Cable, Data Only (6 ft)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTITECH [Multi-Tech Systems, Inc.]
Direct Link  https://www.multitech.com/
Logo MULTITECH - Multi-Tech Systems, Inc.

CA-CDP-DEBUG Datasheet(HTML) 26 Page - Multi-Tech Systems, Inc.

Back Button CA-CDP-DEBUG Datasheet HTML 22Page - Multi-Tech Systems, Inc. CA-CDP-DEBUG Datasheet HTML 23Page - Multi-Tech Systems, Inc. CA-CDP-DEBUG Datasheet HTML 24Page - Multi-Tech Systems, Inc. CA-CDP-DEBUG Datasheet HTML 25Page - Multi-Tech Systems, Inc. CA-CDP-DEBUG Datasheet HTML 26Page - Multi-Tech Systems, Inc. CA-CDP-DEBUG Datasheet HTML 27Page - Multi-Tech Systems, Inc. CA-CDP-DEBUG Datasheet HTML 28Page - Multi-Tech Systems, Inc. CA-CDP-DEBUG Datasheet HTML 29Page - Multi-Tech Systems, Inc. CA-CDP-DEBUG Datasheet HTML 30Page - Multi-Tech Systems, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
Cellular Products Accessories Ordering Guid e
26/35
MultiTech embedded cellular products contain surface mount RF connectors on the PCB that are used to
interface with an RF cable and antenna. The RF cables listed below include an appropriate connector that
interfaces with the surface mount connector on one end and a bulk head panel mount SMA connector on
the other. For the cellular connection, a standard SMA connector is specified. For Wi-Fi and/or Bluetooth
connections, a reverse polarity SMA (RSMA) connector is specified.
SMA-to-MMCX Antenna Cables
Note: Used for the cellular connection with embedded models that utilize an MMCX connector on the PCB.
For use with the following products (All varieties):
SocketModem® EDGE
MTSMC-E
MTSMC-E1
Order PN
Description
Picture
CASMA-MMCX-1
SMA-to-MMCX Coax RF Cable, 6" (1 Pk)
See Above
CASMA-MMCX-10
SMA-to-MMCX Coax RF Cable, 6", (10 Pk)
See Above
CASMA-MMCX-50
SMA-to-MMCX Coax RF Cable, 6", (50 Pk)
See Above



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com