Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

72821L10LPFGI Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 72821L10LPFGI
Description  DUAL CMOS SyncFIFO™
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

72821L10LPFGI Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 72821L10LPFGI Datasheet HTML 9Page - Renesas Technology Corp 72821L10LPFGI Datasheet HTML 10Page - Renesas Technology Corp 72821L10LPFGI Datasheet HTML 11Page - Renesas Technology Corp 72821L10LPFGI Datasheet HTML 12Page - Renesas Technology Corp 72821L10LPFGI Datasheet HTML 13Page - Renesas Technology Corp 72821L10LPFGI Datasheet HTML 14Page - Renesas Technology Corp 72821L10LPFGI Datasheet HTML 15Page - Renesas Technology Corp 72821L10LPFGI Datasheet HTML 16Page - Renesas Technology Corp 72821L10LPFGI Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
IDT72801/728211/72821/72831/72841/72851 DUAL CMOS SyncFIFOTM
DUAL 256 x 9, DUAL 512 x 9, DUAL 1K x 9, DUAL 2K x 9, DUAL 4K x 9, DUAL 8K x 9
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
MARCH 2013
Figure 13. Read Offset Register Timing
Figure 12. Write Offset Register Timing
WCLKA (WCLKB)
LDA (LDB)
WENA1 (WENB1)
DA0 - DA7
(DB0 - DB7)
3034 drw 13
tENS
tENH
tENS
tDS
tDH
PAF OFFSET
(MSB)
PAF OFFSET
(LSB)
PAE OFFSET
(MSB)
PAE OFFSET
(LSB)
tCLK
tCLKL
RCLKA (RCLKB)
LDA (LDB)
RENA1, RENA2
(
RENB1, RENB2)
QA0 - QA7
(QB0 - QB7)
3034 drw 14
tENS
tENH
tENS
DATA IN OUTPUT REGISTER
EMPTY OFFSET
(LSB)
EMPTY OFFSET
(MSB)
FULL OFFSET
(LSB)
FULL OFFSET
(MSB)
tCLK
tA
tCLKL
tCLKH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com