Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KVR533D2S8F4/512I Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # KVR533D2S8F4/512I
Description  Memory Module Specifications (512MB 64M x 72-BIT PC2-4200 CL4 ECC 240-Pin FBDIMM)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

KVR533D2S8F4/512I Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  KVR533D2S8F4/512I Datasheet HTML 1Page - List of Unclassifed Manufacturers KVR533D2S8F4/512I Datasheet HTML 2Page - List of Unclassifed Manufacturers KVR533D2S8F4/512I Datasheet HTML 3Page - List of Unclassifed Manufacturers KVR533D2S8F4/512I Datasheet HTML 4Page - List of Unclassifed Manufacturers KVR533D2S8F4/512I Datasheet HTML 5Page - List of Unclassifed Manufacturers KVR533D2S8F4/512I Datasheet HTML 6Page - List of Unclassifed Manufacturers KVR533D2S8F4/512I Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
VALUERAM0502-001.A00
Page 5
TECHNOLOGY
Architecture:
Advanced Memory Buffer Pin Description:
Pin Name
Pin Description
Count
FB-DIMM Channel Signals
99
SCK
System Clock Input, positive line
1
SCK
System Clock Input, negative line
1
PN[13:0]
Primary Northbound Data, positive lines
14
PN[13:0]
Primary Northbound Data, negative lines
14
PS[9:0]
Primary Southbound Data, positive lines
10
PS[9:0]
Primary Southbound Data, negative lines
10
SN[13:0]
Secondary Northbound Data, positive lines
14
SN[13:0]
Secondary Northbound Data, negative lines
14
SS[9:0]
Secondary Southbound Data, positive lines
10
SS[9:0]
Secondary Southbound Data, negative lines
10
FBDRES
To an external precision calibration resistor connected to Vcc
1
DDR2 Interface Signals
175
DQS[8:0]
Data Strobes, positive lines
9
DQS[8:0]
Data Strobes, negative lines
9
DQS[17:9]/DM[8:0]
Data Strobes (x4 DRAM only), positive lines. These signals are driven low to x8 DRAM on writes.
9
DQS[17:9]
Data Strobes (x4 DRAM only), negative lines
9
DQ[63:0]
Data
64
CB[7:0]
Checkbits
8
A[15:0]A, A[15:0]B
Addresses. A10 is part of the pre-charge command
32
BA[2:0]A, BA[2:0]B
Bank Addresses
6
RASA, RASB
Part of command, with CAS, WE, and CS[1:0].
2
CASA, CASB
Part of command, with RAS, WE, and CS[1:0].
2
WEA, WEB
Part of command, with RAS, CAS, and CS[1:0].
2
ODTA, ODTB
On-die Termination Enable
2
CKE[1:0]A, CKE[1:0]B Clock Enable (one per rank)
4
CS[1:0]A, CS[1:0]B Chip Select (one per rank)
4
CLK[3:0]
CLK[1:0] used on 9 and 18 device DIMMs, CLK[3:0] used on 36 device DIMMs. CLK[3:2] should be out-
put disabled when not in use.
4
CLK[3:0]
Negative lines for CLK[3:0]
4
DDRC_C14
DDR Compensation: Common return pin for DDRC_B18 and DDRC_C18.
1
DDRC_B18
DDR Compensation: Resistor connected to common return pin DDRC_C14
1
DDRC_C18
DDR Compensation: Resistor connected to common return pin DDRC_C14
1
DDRC_B12
DDR Compensation: Resistor connected to VSS
1
DDRC_C12
DDR Compensation: Resistor connected to VDD
1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com