| Electronic Components Datasheet Search |
|
TMCGD6SP0010Y Datasheet(PDF) 5 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
TMCGD6SP0010Y Datasheet(HTML) 5 Page - ITT Industries |
|
5 / 6 page ![]() Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com K K–15 C&K TM Series Miniature Snap-acting Switches ACTUATOR NOTE: For basic switch operating forces, see page K-12. .280 (7,11) .750 (19,05) .187 (4,75) N/A .04 .07 12 N/A .07 .14 24 .200 (5,08) .500 (12,70) .125 (3,18) N/A .04 .11 13 N/A .11 .21 36 .60 .88 17 25 .035 (0,89) .056 (1,42) .013 (0,33) .35 .53 1.06 10 15 30 .71 .99 2.12 20 28 60 1.76 2.65 5.29 50 75 150 P00 .125 (3,18) .312 (7,92) .070 (1,78) .04 .07 .18 12 5 .11 .18 .35 35 10 .53 1.06 1.59 15 30 45 A25 .060 (1,52) .140 (3,56) .025 (0,64) .11 .18 .35 35 10 .25 .35 .71 7 10 20 1.06 1.76 3.17 30 50 90 A20 .065 (1,65) .160 (4,06) .030 (0,76) .11 .14 .35 34 10 .21 .35 .71 6 10 20 1.06 1.59 2.82 30 45 80 A15 .035 (0,89) .070 (1,78) .013 (0,33) .25 .53 1.06 7 15 30 .49 .99 1.69 14 28 48 2.12 3.17 6.35 60 90 180 A10 N/A .42 .63 12 18 T28 N/A T27 .100 (2,54) .330 (8,38) .070 (1,78) .04 .07 .16 1 2 4.5 .07 .14 .32 24 9 .71 1.06 1.41 20 30 40 T25 .110 (2,79) .312 (7,92) .080 (2,03) .05 .07 .18 1.5 2 5 .11 .18 .35 35 10 .53 1.23 1.76 15 35 50 T24 .125 (3,18) .312 (7,92) .070 (1,78) .04 .07 .18 12 5 .11 .18 .35 35 10 .53 1.06 1.59 15 30 45 T23 .065 (1,65) .160 (4,06) .030 (0,76) .11 .18 .35 3 510 .21 .32 .71 6 920 1.06 1.59 3.17 30 45 90 T20 .160 (4,06) .375 (9,52) .078 (1,98) N/A .04 .14 14 N/A .14 .28 48 N/A .71 1.23 20 35 T18 .110 (2,79) .220 (5,59) .062 (1,57) .07 .07 .21 22 6 .14 .21 .42 46 12 .71 .88 1.76 20 25 50 T17 .140 (3,56) .312 (7,92) .090 (2,29) .05 .07 .18 1.5 2 5 .11 .18 .35 35 10 .53 .71 1.41 15 20 40 T16 .075 (1,90) .160 (4,06) .032 (0,81) .11 .14 .35 34 10 .21 .32 .71 69 20 1.06 1.59 2.28 30 45 80 T15 .062 (1,57) .140 (3,56) .050 (1,27) .11 .14 .35 34 10 .25 .35 .71 7 10 20 1.06 1.76 3.17 30 50 90 T13 .065 (1,65) .160 (4,06) .030 (0,76) .11 .14 .35 3 410 .21 .35 .71 6 10 20 1.06 1.59 2.82 30 45 80 T13 .035 (0,89) .080 (2,03) .013 (0,33) .25 .53 1.06 7 15 30 .49 .99 1.69 14 28 48 2.12 3.17 6.35 60 90 180 T10 MINIMUM OVERTRAVEL ALL FORCES MAXIMUM PRETRAVEL ALL FORCES MAXIMUM DIFFERENTIAL TRAVEL ALL FORCES MINIMUM RETURN FORCE (OZ./GRAMS) MINIMUM RELEASE FORCE (OZ./GRAMS) MAXIMUM OPERATING FORCE (OZ./GRAMS) CF CG CJ (50) (75) (150) OPTION CODE SWITCH CHARACTERISTICS CF CG CJ (50) (75) (150) CF CG CJ (50) (75) (150) T26 N/A .35 10 .71 20 N/A .07 2 .18 5 N/A .04 1 .07 2 .110 (2,79) .500 (12,7) .250 (6,35) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |