Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S71PL254JB0BAW9Z2 Datasheet(PDF) 13 Page - SPANSION

Part # S71PL254JB0BAW9Z2
Description  Based MCPs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL254JB0BAW9Z2 Datasheet(HTML) 13 Page - SPANSION

Back Button S71PL254JB0BAW9Z2 Datasheet HTML 9Page - SPANSION S71PL254JB0BAW9Z2 Datasheet HTML 10Page - SPANSION S71PL254JB0BAW9Z2 Datasheet HTML 11Page - SPANSION S71PL254JB0BAW9Z2 Datasheet HTML 12Page - SPANSION S71PL254JB0BAW9Z2 Datasheet HTML 13Page - SPANSION S71PL254JB0BAW9Z2 Datasheet HTML 14Page - SPANSION S71PL254JB0BAW9Z2 Datasheet HTML 15Page - SPANSION S71PL254JB0BAW9Z2 Datasheet HTML 16Page - SPANSION S71PL254JB0BAW9Z2 Datasheet HTML 17Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
March 17, 2006 S71PL-J_00_B3
S71PL-J Based MCPs
11
Advance
Information
Ordering Information
The order number is formed by a valid combinations of the following:
S71PL
127
J
B0
BA
W
9
Z
0
PACKING TYPE
0= Tray
2
= 7” Tape and Reel
3
= 13” Tape and Reel
MODEL NUMBER
See the Valid Combinations table.
PACKAGE MODIFIER
0
= 7 x 9mm, 1.2mm height, 56 balls (TLC056 or TSC065)
9
= 8 x 11.6mm, 1.2mm height, 64 balls (TLA064 or TSB064)
T
= 8 x 11.6mm, 1.4mm height, 84 balls (FTA084)
TEMPERATURE RANGE
W
= Wireless (-25
°C to +85°C)
PACKAGE TYPE
BA
= Fine-pitch BGA Lead (Pb)-free compliant package
BF
= Fine-pitch BGA Lead (Pb)-free package
pSRAM DENSITY
C0
= 64Mb pSRAM
B0
= 32Mb pSRAM
A0
= 16Mb pSRAM
80
= 8Mb pSRAM
40
= 4Mb pSRAM
0A
= 16Mb pSRAM
08
= 8Mb SRAM
04
= 4Mb SRAM
PROCESS TECHNOLOGY
J
= 110 nm, Floating Gate Technology
FLASH DENSITY
254 = 256Mb
127 = 128Mb
064 = 64Mb
032 = 32Mb
PRODUCT FAMILY
S71PL Multi-chip Product (MCP)
3.0-volt Simultaneous Read/Write, Page Mode Flash Memory and RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com