Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLF248 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLF248
Description  VHF push-pull power MOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF248 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLF248 Datasheet HTML 4Page - NXP Semiconductors BLF248 Datasheet HTML 5Page - NXP Semiconductors BLF248 Datasheet HTML 6Page - NXP Semiconductors BLF248 Datasheet HTML 7Page - NXP Semiconductors BLF248 Datasheet HTML 8Page - NXP Semiconductors BLF248 Datasheet HTML 9Page - NXP Semiconductors BLF248 Datasheet HTML 10Page - NXP Semiconductors BLF248 Datasheet HTML 11Page - NXP Semiconductors BLF248 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
September 1992
8
Philips Semiconductors
Product specification
VHF push-pull power MOS transistor
BLF248
List of components (class-AB test circuit)
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE NO.
C1, C2
multilayer ceramic chip capacitor
(note 1)
2
× 56 pF
+ 18 pF in parallel,
500 V
C3
film dielectric trimmer
2 to 9 pF
2222 809 09005
C4
multilayer ceramic chip capacitor
(note 1)
47 pF, 500 V
C5
film dielectric trimmer
5 to 60 pF
2222 809 08003
C6, C7, C9,
C10, C12, C15,
C31, C34
multilayer ceramic chip capacitor
(note 1)
1 nF, 500 V
C8, C11, C16,
C21, C32
multilayer ceramic chip capacitor
100 nF, 50 V
2222 852 47104
C13, C14, C18,
C19
multilayer ceramic chip capacitor
(note 1)
510 pF, 500 V
C17, C20, C33
electrolytic capacitor
10
µF, 63 V
C22
multilayer ceramic chip capacitor
(note 1)
82 pF, 500 V
C23
multilayer ceramic chip capacitor
(note 1)
10 pF
+ 30 pF
in parallel, 500 V
C24, C28
film dielectric trimmer
2 to 18 pF
2222 809 09006
C25, C26
multilayer ceramic chip capacitor
(note 1)
39 pF
+ 47 pF
in parallel, 500 V
C27
multilayer ceramic chip capacitor
(note 1)
18 pF, 500 V
C29, C30
multilayer ceramic chip capacitor
(note 1)
3
× 100 pF
in parallel, 500 V
L1, L3, L22, L24
stripline (note 2)
50
Ω
4.8
× 80 mm
L2, L23
semi-rigid cable (note 3)
50
Ω
ext. dia. 3.6 mm
ext. conductor
length 80 mm
L4, L5
stripline (note 2)
43
Ω
6
× 32.5 mm
L6, L7, L10, L11
stripline (note 2)
43
Ω
6
× 10.5 mm
L8, L9
stripline (note 2)
43
Ω
6
× 3 mm
L12, L15
grade 3B Ferroxcube wide-band
HF choke
2 in parallel
4312 020 36642
L13, L14
2 turns enamelled 1.6 mm copper
wire
25 nH
int. dia. 5 mm
leads 2
× 7 mm
space 2.5 mm
L16, L17
stripline (notes 2 and 4)
43
Ω
6
× 3 mm
L18, L19
stripline (notes 2 and 4)
43
Ω
6
× 35 mm
L20, L21
stripline (notes 2 and 4)
43
Ω
6
× 9 mm
R1, R6
10 turns potentiometer
50 k
Ω
R2, R5
0.4 W metal film resistor
1 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com