Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S29GL01GP13FFIV10 Datasheet(PDF) 21 Page - SPANSION

Part # S29GL01GP13FFIV10
Description  3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GP13FFIV10 Datasheet(HTML) 21 Page - SPANSION

Back Button S29GL01GP13FFIV10 Datasheet HTML 17Page - SPANSION S29GL01GP13FFIV10 Datasheet HTML 18Page - SPANSION S29GL01GP13FFIV10 Datasheet HTML 19Page - SPANSION S29GL01GP13FFIV10 Datasheet HTML 20Page - SPANSION S29GL01GP13FFIV10 Datasheet HTML 21Page - SPANSION S29GL01GP13FFIV10 Datasheet HTML 22Page - SPANSION S29GL01GP13FFIV10 Datasheet HTML 23Page - SPANSION S29GL01GP13FFIV10 Datasheet HTML 24Page - SPANSION S29GL01GP13FFIV10 Datasheet HTML 25Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 71 page
background image
November 21, 2006 S29GL-P_00_A3
S29GL-P MirrorBit
TM Flash Family
19
Da ta
Sh e e t
(Adv a n ce
In f o r m ation)
7.7
Program/Erase Operations
These devices are capable of several modes of programming and or erase operations which are described in
detail in the following sections.
During a write operation, the system must drive CE# and WE# to VIL and OE# to VIH when providing an
address, command, and data. Addresses are latched on the last falling edge of WE# or CE#, while data is
latched on the 1st rising edge of WE# or CE#.
The Unlock Bypass feature allows the host system to send program commands to the Flash device without
first writing unlock cycles within the command sequence. See Section 7.7.8 for details on the Unlock Bypass
function.
Note the following:
When the Embedded Program algorithm is complete, the device returns to the read mode.
The system can determine the status of the program operation by using DQ7 or DQ6. Refer to the Write
Operation Stat section for information on these status bits.
An “0” cannot be programmed back to a “1.” A succeeding read shows that the data is still “0.”
Only erase operations can convert a “0” to a “1.”
Any commands written to the device during the Embedded Program Algorithm are ignored except the
Program Suspend command.
Secured Silicon Sector, Autoselect, and CFI functions are unavailable when a program operation is in
progress.
A hardware reset immediately terminates the program operation and the program command sequence
should be reinitiated once the device has returned to the read mode, to ensure data integrity.
Programming is allowed in any sequence and across sector boundaries for single word programming
operation.
Programming to the same word address multiple times without intervening erases is permitted.
7.7.1
Single Word Programming
Single word programming mode is one method of programming the Flash. In this mode, four Flash command
write cycles are used to program an individual Flash address. The data for this programming operation could
be 8 or 16-bits wide.
While the single word programming method is supported by all Spansion devices, in general it is not
recommended for devices that support Write Buffer Programming. See Table 12.1 on page 61 for the
required bus cycles and Figure 7.1 for the flowchart.
When the Embedded Program algorithm is complete, the device then returns to the read mode and
addresses are no longer latched. The system can determine the status of the program operation by using
DQ7 or DQ6. Refer to the Write Operation Status section for information on these status bits.
During programming, any command (except the Suspend Program command) is ignored.
The Secured Silicon Sector, Autoselect, and CFI functions are unavailable when a program operation is in
progress.
A hardware reset immediately terminates the program operation. The program command sequence should
be reinitiated once the device has returned to the read mode, to ensure data integrity.
Programming to the same address multiple times continuously (for example, “walking” a bit within a word)
is permitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com