Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S75WS256NDFBAWLH3 Datasheet(PDF) 13 Page - SPANSION

Part # S75WS256NDFBAWLH3
Description  Stacked Multi-Chip Product (MCP)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWLH3 Datasheet(HTML) 13 Page - SPANSION

Back Button S75WS256NDFBAWLH3 Datasheet HTML 7Page - SPANSION S75WS256NDFBAWLH3 Datasheet HTML 8Page - SPANSION S75WS256NDFBAWLH3 Datasheet HTML 9Page - SPANSION S75WS256NDFBAWLH3 Datasheet HTML 10Page - SPANSION S75WS256NDFBAWLH3 Datasheet HTML 11Page - SPANSION S75WS256NDFBAWLH3 Datasheet HTML 12Page - SPANSION S75WS256NDFBAWLH3 Datasheet HTML 13Page - SPANSION S75WS256NDFBAWLH3 Datasheet HTML 14Page - SPANSION S75WS256NDFBAWLH3 Datasheet HTML 15Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
October 6, 2005 S75WS-N_02_A2
S75WS-N Based MCPs
11
Pr el im i n a r y
5.5
Physical Dimensions – FND115 – Fine Pitch Ball Grid Array 11 x 13 mm
3524 \ 16-038.19 \ 10.5.05
PACKAGE
FND 115
JEDEC
N/A
D x E
13.00 mm x 11.00 mm
PACKAGE
SYMBOL
MIN
NOM
MAX
NOTE
A
---
---
1.40
PROFILE
A1
0.17
---
---
BALL HEIGHT
A2
0.98
---
1.15
BODY THICKNESS
D
13.00 BSC.
BODY SIZE
E
11.00 BSC.
BODY SIZE
D1
10.40 BSC.
MATRIX FOOTPRINT
E1
7.20 BSC.
MATRIX FOOTPRINT
MD
14
MATRIX SIZE D DIRECTION
ME
10
MATRIX SIZE E DIRECTION
n
115
BALL COUNT
b
0.35
0.40
0.45
BALL DIAMETER
eE
0.80 BSC.
BALL PITCH
eD
0.80 BSC
BALL PITCH
SD SE
0.40 BSC.
SOLDER BALL PLACEMENT
A3-A8,B3-B8,C1,N3-N8,P3-P8 DEPOPULATED SOLDER BALLS
NOTES:
1.
DIMENSIONING AND TOLERANCING METHODS PER
ASME Y14.5M-1994.
2.
ALL DIMENSIONS ARE IN MILLIMETERS.
3.
BALL POSITION DESIGNATION PER JEP95, SECTION
4.3, SPP-010.
4.
e REPRESENTS THE SOLDER BALL GRID PITCH.
5.
SYMBOL "MD" IS THE BALL MATRIX SIZE IN THE "D"
DIRECTION.
SYMBOL "ME" IS THE BALL MATRIX SIZE IN THE "E"
DIRECTION.
n IS THE NUMBER OF POPULTED SOLDER BALL
POSITIONS FOR MATRIX SIZE MD X ME.
6
DIMENSION "b" IS MEASURED AT THE MAXIMUM BALL
DIAMETER IN A PLANE PARALLEL TO DATUM C.
7
SD AND SE ARE MEASURED WITH RESPECT TO
DATUMS A AND B AND DEFINE THE POSITION OF THE
CENTER SOLDER BALL IN THE OUTER ROW.
WHEN THERE IS AN ODD NUMBER OF SOLDER BALLS
IN THE OUTER ROW SD OR SE = 0.000.
WHEN THERE IS AN EVEN NUMBER OF SOLDER BALLS
IN THE OUTER ROW, SD OR SE = e/2
8.
"+" INDICATES THE THEORETICAL CENTER OF
DEPOPULATED BALLS.
9.
A1 CORNER TO BE IDENTIFIED BY CHAMFER, LASER
OR INK MARK, METALLIZED MARK INDENTATION OR
OTHER MEANS.
Ø
0.08 C
C
SIDE VIEW
6
115X
A1
0.15
M C
MC
AB
0.08
b
7
SE
E1
D1
eD
10
8
7
9
5
4
2
1
3
eE
6
PIN A1
CORNER
A
DC
E
F
G
H
J
K
7
L
M
P
N
0.20 C
BOTTOM VIEW
SD
B
A
D
E
C
0.15
(2X)
B
0.15
(2X)
TOP VIEW
9
CORNER
PIN A1
A2
A
INDEX MARK
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com