Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADCS-2121 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # ADCS-2121
Description  CMOS Monochrome Image Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ADCS-2121 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  ADCS-2121 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ADCS-2121 Datasheet HTML 2Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Image Sensor Specifications
Part Number
ADCS-2121 (VGA)
ADCS-1121 (CIF)
Active Pixel Array Resolution
640 x 480
352 x 288
Pixel size
7.4 x 7.4
µm
7.4 x 7.4
µm
Maximum Clock Rate
25 MHz (VGA)
32 MHz (CIF)
Effective Sensor Dynamic Range
65 dB (VGA)
61 dB (CIF)
Effective Noise Floor
43 e-
43 e-
Dark Signal [1,3]
240 e-/sec (@ 22
°C)
240 e-/sec (@ 22
°C)
Saturation Voltage
1.22 V
1.22 V
Full Well Capacity
68,000 e-
68,000 e-
Conversion Gain [2]
17
µV/e-
17
µV/e-
Programmable Gain Range
1– 40 (8 bit resolution)
1– 40 (8 bit resolution)
Fill Factor
42%
42%
Exposure Control
0.5
µsec minimum, 0.5 µsec increments
0.5
µsec minimum, 0.5 µsec increments
Supply Voltage
3.3 V, -5%/+10%
3.3 V, -5%/+10%
Absolute Max. Power Supply Voltage
3.6 V
3.6 V
Absolute Max. DC Input Voltage (any pin)
3.6 V
3.6 V
Power Consumption (typical)
150 mW operating, 150
µW standby
150 mW operating, 150
µW standby
Power Consumption (max)
200 mW operating, 3.3 mW standby
200 mW operating, 3.3 mW standby
Optical Format
1/3”
1/4”
Operating Temperature
-5
° to +65°C-5° to +65°C
Storage Temperature
-40
° to +125°C
-40
° to +125°C
Package Type
32-pin CLCC
32-pin CLCC
Notes:
1. Specified over complete pixel area
2. Measured at unity gain
3. Excludes dark current shot noise
ADCS Sensor Top Level Block Diagram
For product information and a complete list of Agilent
contacts and distributors, please go to our web site.
www.agilent.com/semiconductors
E-mail: SemiconductorSupport@agilent.com
Data subject to change.
Copyright © 2002 Agilent Technologies, Inc.
Obsoletes 5988-6483EN
May 7, 2002
5988-6
691EN
12C/UART
CLOCK
PROGRAMMABLE
AMPLIFIER
IMAGE ARRAY
VGA 640 x 480
CIF 352 x 288
ANALOG
TO
DIGITAL
CONVERTER
TIMING
CONTROLLER
I2C Compatible/ UART



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com