Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLF404 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BLF404
Description  UHF power MOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF404 Datasheet(HTML) 3 Page - NXP Semiconductors

  BLF404 Datasheet HTML 1Page - NXP Semiconductors BLF404 Datasheet HTML 2Page - NXP Semiconductors BLF404 Datasheet HTML 3Page - NXP Semiconductors BLF404 Datasheet HTML 4Page - NXP Semiconductors BLF404 Datasheet HTML 5Page - NXP Semiconductors BLF404 Datasheet HTML 6Page - NXP Semiconductors BLF404 Datasheet HTML 7Page - NXP Semiconductors BLF404 Datasheet HTML 8Page - NXP Semiconductors BLF404 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1998 Jan 29
3
Philips Semiconductors
Product specification
UHF power MOS transistor
BLF404
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage
−
40
V
VGS
gate-source voltage
−±20
V
ID
DC drain current
−
1.5
A
Ptot
total power dissipation
Tmb ≤ 85 °C
−
8.3
W
Tstg
storage temperature
−65
150
°C
Tj
junction temperature
−
200
°C
Fig.2 DC SOAR.
(1) Current in this area may be limited by RDSon.
(2) Tmb =85 °C.
handbook, halfpage
MGM522
10
1
10−1
110
102
VDS (V)
ID
(A)
(2)
(1)
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-mb
thermal resistance from junction to mounting base
Tmb ≤ 85 °C, Ptot = 8.3 W
12.1
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com