Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLF522 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BLF522
Description  UHF power MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF522 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BLF522 Datasheet HTML 4Page - NXP Semiconductors BLF522 Datasheet HTML 5Page - NXP Semiconductors BLF522 Datasheet HTML 6Page - NXP Semiconductors BLF522 Datasheet HTML 7Page - NXP Semiconductors BLF522 Datasheet HTML 8Page - NXP Semiconductors BLF522 Datasheet HTML 9Page - NXP Semiconductors BLF522 Datasheet HTML 10Page - NXP Semiconductors BLF522 Datasheet HTML 11Page - NXP Semiconductors BLF522 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
September 1992
10
Philips Semiconductors
Product specification
UHF power MOS transistor
BLF522
Fig.13 Input impedance as a function of frequency
(series components), typical values.
Class-B operation; VDS = 12.5 V; IDQ = 50 mA;
PL = 5 W.
handbook, halfpage
0
10
−20
−40
−60
−80
100
200
300
400
500
f (MHz)
MRA250
ri
Zi
(
Ω)
xi
Fig.14 Load impedance as a function of frequency
(series components), typical values.
Class-B operation; VDS = 12.5 V; IDQ = 50 mA;
PL = 5 W.
handbook, halfpage
5
10
15
20
100
200
300
400
500
f (MHz)
0
MRA251
ZL
(
Ω)
RL
XL
Fig.15 Definition of MOS impedance.
handbook, halfpage
MBA379
Zi
ZL
Fig.16 Power gain as a function of frequency,
typical values.
Class-B operation; VDS = 12.5 V; IDQ = 50 mA;
PL = 5 W.
handbook, halfpage
0
5
10
15
20
25
30
100
200
300
400
500
f (MHz)
MRA248
GP
(dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com