Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C0147 Datasheet(PDF) 8 Page - Norgren Ltd

Part # C0147
Description  PUSH-IN fittings, metric
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

C0147 Datasheet(HTML) 8 Page - Norgren Ltd

Back Button C0147 Datasheet HTML 4Page - Norgren Ltd C0147 Datasheet HTML 5Page - Norgren Ltd C0147 Datasheet HTML 6Page - Norgren Ltd C0147 Datasheet HTML 7Page - Norgren Ltd C0147 Datasheet HTML 8Page - Norgren Ltd C0147 Datasheet HTML 9Page - Norgren Ltd C0147 Datasheet HTML 10Page - Norgren Ltd C0147 Datasheet HTML 11Page - Norgren Ltd C0147 Datasheet HTML 12Page - Norgren Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Pneufit® C series
PUSH-IN fittings, metric
Our policy is one of continued research and development. We therefore reserve the right to amend,
without notice, the specifications given in this document. (2006 - 9005f) © 2015 Norgren Ltd.
en 9.1.020.08
4/15
Straight adaptor (female bulkhead)
C0232
Bulkhead union
C0029
Straight union (unequal)
C0020
Straight union
C0020
Ø A
C
Ø D
H
O
Model
4
34,5
3,3
4,5
10,5
C00200400
6
37
3,3
5,5
12,5
C00200600
8
39,5
4,3
7
14,5
C00200800
10
43
4,3
8
17,5
C00201000
12
48
4,3
9,5
20,5
C00201200
16
51
-
-
-
C00201600*
*No nail hole in 16 mm
Ø A
B
C
O
P
Model
4
M12x1
35,5
24,5
4
14
C00290400
6
M14x1
40
27,5
4
17
C00290600
8
M16x1
42
29,5
5
19
C00290800
10
M20x1
45
31,5
5
24
C00291000
12
M22x1
50,5
36
5
26
C00291200
Ø A
Ø A1
C
Model
6
4
36,5
C00200604
8
4
38,5
C00200804
8
6
37,5
C00200806
10
6
40
C00201006
10
8
41
C00201008
12
8
46
C00201208
12
10
44
C00201210
16
12
49,5
C00201612
Ø A
B
B1
C
G
P
1
Model
4
G1/8
M12x1
26,5
9
4
14
14
C02320418
4
G1/4
M12x1
29
11
4
14
17
C02320428
4
G3/8
M12x1
30
12
4
14
22
C02320438
6
G1/8
M14x1
28,5
9
4
17
17
C02320618
6
G1/4
M14x1
30,5
11
4
17
17
C02320628
6
G3/8
M14x1
31,5
12
4
17
22
C02320638
8
G1/8
M16x1
29,5
9
5
19
19
C02320818
8
G1/4
M16x1
31,5
11
5
19
19
C02320828
8
G3/8
M16x1
32,5
12
5
19
22
C02320838
10
G1/4
M20x1
32,5
11
5
24
24
C02321028
10
G3/8
M20x1
33,5
12
5
24
24
C02321038
10
G1/2
M20x1
36
14
5
24
24
C02321048
12
G1/4
M22x1
38
11
5
26
24
C02321228
12
G3/8
M22x1
38
12
5
26
24
C02321238
12
G1/2
M22x1
40
14
5
26
24
C02321248
Stem reducer
C0023
Ø A
Ø A1
C
F
Model
6
4
41
21,5
C00230604
8
4
42
22,5
C00230804
8
6
44,5
23,5
C00230806
10
6
47,5
26,5
C00231006
10
8
49,5
27,5
C00231008
12
6
52
29,5
C00231206
12
8
52,5
30,5
C00231208
12
10
56,5
31
C00231210
16
12
57,5
33
C00231612
Stem expander (stem/tube)
C0023
Ø A
Ø A1
C
F
Model
4
6
41
24
C00230406
6
8
44
26,5
C00230608
Stem union (equal)
C0022
Ø A
C
Model
4
37
C00220400
6
38
C00220600
8
41
C00220800
10
44
C00221000
12
49
C00221200
16
53
C00221600
C
O
C
F
C
C
O
P
C
1
P
G
C
F
C
Dimensions in mm
Projection/First angle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com