Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLF544 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BLF544
Description  UHF power MOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF544 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BLF544 Datasheet HTML 2Page - NXP Semiconductors BLF544 Datasheet HTML 3Page - NXP Semiconductors BLF544 Datasheet HTML 4Page - NXP Semiconductors BLF544 Datasheet HTML 5Page - NXP Semiconductors BLF544 Datasheet HTML 6Page - NXP Semiconductors BLF544 Datasheet HTML 7Page - NXP Semiconductors BLF544 Datasheet HTML 8Page - NXP Semiconductors BLF544 Datasheet HTML 9Page - NXP Semiconductors BLF544 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1998 Jan 21
6
Philips Semiconductors
Product specification
UHF power MOS transistor
BLF544
APPLICATION INFORMATION
Th =25 °C; Rth mb-h = 0.4 K/W unless otherwise specified.
RF performance in a common source class-B circuit.
Ruggedness in class-B operation
The BLF544 is capable of withstanding a full load mismatch corresponding to VSWR = 50 : 1 through all phases under
the following conditions: VDS = 28 V; f = 500 MHz at rated output power.
MODE OF OPERATION
f
(MHz)
VDS
(V)
IDQ
(mA)
PL
(W)
Gp
(dB)
ηD
(%)
CW, class-B
500
28
40
20
>11
typ. 14
>50
typ. 60
CW, class-B
960
28
40
20
typ. 7
typ. 50
CW, class-B
960
24
40
15
typ. 7
typ. 50
Fig.9
Power gain and efficiency as functions of
load power; typical values.
Class-B operation; VDS = 28 V; IDQ =40mA;
ZL = 4.3 + j6.3 Ω; f = 500 MHz.
handbook, halfpage
10
30
20
0
4
8
12
16
14
18
40
60
80
22
Gp
(dB)
26
MDA512
PL (W)
Gp
ηD
ηD
(%)
Fig.10 Load power as a function of input power;
typical values.
Class-B operation; VDS = 28 V; IDQ =40mA;
ZL = 4.3 + j6.3 Ω; f = 500 MHz.
handbook, halfpage
0
30
20
10
0
1
PL
(W)
PIN (W)
23
MDA513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com