Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CAS18C471FARFC Datasheet(PDF) 2 Page - Kemet Corporation

Part # CAS18C471FARFC
Description  Safety Certified, CAS, Surface Mount X1/Y2 250 VAC, X2 250 VAC (Industrial Grade)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CAS18C471FARFC Datasheet(HTML) 2 Page - Kemet Corporation

  CAS18C471FARFC Datasheet HTML 1Page - Kemet Corporation CAS18C471FARFC Datasheet HTML 2Page - Kemet Corporation CAS18C471FARFC Datasheet HTML 3Page - Kemet Corporation CAS18C471FARFC Datasheet HTML 4Page - Kemet Corporation CAS18C471FARFC Datasheet HTML 5Page - Kemet Corporation CAS18C471FARFC Datasheet HTML 6Page - Kemet Corporation CAS18C471FARFC Datasheet HTML 7Page - Kemet Corporation CAS18C471FARFC Datasheet HTML 8Page - Kemet Corporation CAS18C471FARFC Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
C1100_CAS_SMD • 11/8/2022
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Safety Certified, CAS, Surface Mount X1/Y2 250 VAC, X2 250 VAC (Industrial Grade)
Ordering Information
CAS
17
C
471
K
A
G
F
C
Type
Case Size
(L"x W")
Specification/
Series
Capacitance
Code (pF)
Capacitance
Tolerance
AC Rated
Voltage
Dielectric
Subclass
Designation
Termination
Finish
Packaging
(Suffix/C-Spec)
CAS =
AC Safety
Rated
17 = 1808
18 = 1812
21 = 2220
26 = 2211
C
Two significant
digits + number of
zeros.
Use 9 for 1.0 – 9.9
pF
e.g., 2.2 pF = 229
D = ±0.5 pF
F = ±1%
G = ±2%
J = ±5%
K = ±10%
M = ±20%
A =
250 VAC
G = C0G
R = X7R
F = X1/Y2
G = X2
C = 100% Matte Sn
Blank =
7" Reel
Dimensions – Millimeters (Inches)
L
B
W
S
T
EIA Size
Code
Metric
Size Code
L
Length
W
Width
T
Thickness
B
Bandwidth
S
Separation
Minimum
Mounting
Technique
1808
4520
4.50 (0.177)
+0.50 (0.020)/−0.30 (0.012)
2.00 (0.080)
±0.25 (0.010)
See Table 2 for
Thickness
0.50 (0.020)
±0.25 (0.010)
> 3.50 (0.138)
Solder Reflow
Only
1812
4532
4.50 (0.177)
+0.50 (0.020)/−0.30 (0.012)
3.20 (0.126)
±0.40 (0.016)
0.50 (0.020)
±0.25 (0.010)
> 3.50 (0.138)
2211
5728
5.70 (0.224)
±0.40 (0.016)
2.80 (0.110)
±0.30 (0.012)
0.60 (0.024)
±0.30 (0.012)
> 4.00 (0.157)
2220
5750
5.70 (0.224)
±0.40 (0.016)
5.00 (0.197)
±0.40 (0.016)
0.60 (0.024)
±0.30 (0.012)
> 4.00 (0.157)
Qualification
Safety Standard
Specification
Subclass
Working Voltage
Certificate No.
TUV
IEC 60384–14
X1/Y2
250 VAC
R 50441101
R 50441118
X2
UL
CAN/CSA
UL 60384–14 and
E60384–14
X1/Y2
250 VAC
E356389
X2
These devices are TUV/ENEC recognized for antenna coupling and AC line-to-line (Class X) and line-to-ground (Class Y) applications per IEC60384–14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com