| Electronic Components Datasheet Search |
|
D2-71083-LR Datasheet(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
D2-71083-LR Datasheet(HTML) 2 Page - Renesas Technology Corp |
|
2 / 33 page ![]() D2-6 Family Audio SOC FN7838 Rev.4.00 Page 2 of 33 Mar. 19, 2019 Ordering Information PART NUMBER (Notes 2, 3) PART MARKING AUDIO PROCESSING FEATURE SET SUPPORT (Note 1) TEMP. RANGE (°C) PACKAGE (RoHS COMPLIANT) PKG. DWG. # D2-71083-LR D2-71083-LR Refer to Table 1 -10 to +85 128 Ld LQFP Q128.14x14 D2-74083-LR D2-74083-LR Refer to Table 1 -10 to +85 128 Ld LQFP Q128.14x14 D2-71583-LR D2-71583-LR Refer to Table 1 -10 to +85 128 Ld LQFP Q128.14x14 D2-74583-LR D2-74583-LR Refer to Table 1 -10 to +85 128 Ld LQFP Q128.14x14 D2-74383-LR D2-74383-LR Refer to Table 1 -10 to +85 128 Ld LQFP Q128.14x14 D2-71683-LR (No longer available, recommended replacement: D2-71583-LR) D2-71683-LR Refer to Table 1 -10 to +85 128 Ld LQFP Q128.14x14 NOTES: 1. The D2-6 devices support multiple audio processing algorithms and decoders, and support is device-dependent. Refer to Table 1 for the supported features for each device part number. 2. These Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 3. For Moisture Sensitivity Level (MSL), see the D2-71083, D2-74083, D2-71583, D2-74583, D2-74383 product information pages. For more information about MSL, see TB363. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |