Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA14680 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # DA14680
Description  Bluetooth Low Energy 4.2 SoC with FLASH
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA14680 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button DA14680 Datasheet HTML 17Page - Renesas Technology Corp DA14680 Datasheet HTML 18Page - Renesas Technology Corp DA14680 Datasheet HTML 19Page - Renesas Technology Corp DA14680 Datasheet HTML 20Page - Renesas Technology Corp DA14680 Datasheet HTML 21Page - Renesas Technology Corp DA14680 Datasheet HTML 22Page - Renesas Technology Corp DA14680 Datasheet HTML 23Page - Renesas Technology Corp DA14680 Datasheet HTML 24Page - Renesas Technology Corp DA14680 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 440 page
background image
Datasheet
Revision 3.1
14-Jan-2022
CFR0011-120-00-FM Rev 5
21 of 439
© 2022 Renesas Electronics
DA14680
Bluetooth Low Energy 4.2 SoC with FLASH
FINAL
Unit. Following this, the CPU will start executing code
from address 0x0. If the system is just powered-up,
then ROM resides at 0x0 hence the bootROM
sequence will be triggered. If the system was just
waken-up, then address 0x0 is remapped to either the
Data-RAM or one of the Non-Volatile resources of the
chip hence code is directly executed from there.
3.4.1 Power/Wakeup FSM
The hardware FSM is responsible for starting the main
LDOs of the system and power the main rails used for
supplying the digital and analog resources of the chip.
The flow chart of this state machine is presented in Fig-
ure 3. System clock after Power On Reset is released,
is the 32 kHz coming from an on-chip RC oscillator
(RC32K). The FSM will initially compare the voltages
between pins VBUS and VBAT. This embedded PMU
feature provides a digital signal for deciding which LDO
to start so that Vsys is powered up. Please refer to Fig-
ure 6 for an overview of the LDOs.
When VBUS is present (the system is connected to the
USB for recharging or software upgrading), the PMU
powers the whole system from VBUS instead of VBAT.
Therefore a dedicated LDO_USB will be started. The
LDO_USB has its own reference and will switch to the
Bandgap reference voltage as soon as this has settled.
When no VBUS is detected (no USB connection), the
LDO_VBAT will be turned on, followed by the Bandgap.
The LDO_VBAT also has its own reference for starting
up and will automatically switch to the Bandgap refer-
ence.
The next step is to start the LDO_IO2 and LDO_IO,
which provides power to the external rails, mostly tar-
geting QSPI FLASH if available. Then the LDO_CORE
is enabled to supply the VDD voltage (1.2 V) for the
digital core to start operating. From that point onwards
and provided that the LDOs are settled, the digital sys-
tem is up and running.
Next, both 16 MHz oscillators are started. The system
clock switches to the 16 MHz RC clock to start OTP
mirroring or any other initialisation procedure that has
to do with an QSPI FLASH.
Then the CPU can take over and either start executing
code from RAM or ROM. In the case of executing code
from RAM, it can switch on the SIMO DC-DC con-
verter, disable the LDOs to lower the power consump-
tion of the digital part and operate the radio. For a
detailed overview of the PMU, please refer to Figure 8
and for a representation of the timing of the power up/
wake up process refer to Figure 17.
The latency of the hardware FSM is not always the
same. It is depending on power up or wake up and
more specific, in the case of wake up, it depends on
the time the system has been sleeping before.
When powered up the default clock is the RC32 which
is close to 32 kHz. The time required for the completion
of the HW FSM is 16 clock cycles i.e. 0.5 ms. If the sys-
tem wakes up, then the sleep clock is used: either the
XTAL32K (32 kHz) or the RCX (11.7 kHz). Depending
on the amount of time slept, there might be some
energy in the LDOs left or not, hence the settling time
might be less than expected. This process might take
11 to 16 clock cycles i.e. minimum 0.35 ms, maximum
1.6 ms.
3.4.2 Goto Sleep FSM
After the sleep command has been issued (WFI), the
system will switch to operating on RC16M and the HW
FSM described in the flow chart of will take over:
Figure 3: Power/Wakeup FSM flow diagram
Start
VBUS > VBAT ?
Power On VSYS
Turn on LDO_VBAT
Power On VEXT
Turn on LDO_IO2
Power On VCORE
Turn on LDO_CORE
Switch to RC16
clock
End
Default clock is
RC32 or Sleep
Clock
No
Yes
Power On VSYS
Turn on LDO_USB
Power On VFLASH
Turn on LDO_IO
System clock is
RC16M
Untrimmed if power
up
Trimmed if Wake up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com