Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FA4F3P Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # FA4F3P
Description  SILICON TRANSISTOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FA4F3P Datasheet(HTML) 3 Page - Renesas Technology Corp

  FA4F3P Datasheet HTML 1Page - Renesas Technology Corp FA4F3P Datasheet HTML 2Page - Renesas Technology Corp FA4F3P Datasheet HTML 3Page - Renesas Technology Corp FA4F3P Datasheet HTML 4Page - Renesas Technology Corp FA4F3P Datasheet HTML 5Page - Renesas Technology Corp FA4F3P Datasheet HTML 6Page - Renesas Technology Corp FA4F3P Datasheet HTML 7Page - Renesas Technology Corp FA4F3P Datasheet HTML 8Page - Renesas Technology Corp FA4F3P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
SILICON TRANSISTOR
FA4xxx
RESISTOR BUILT-IN TYPE NPN TRANSISTOR
DATA SHEET
Document No. D16493EJ3V0DS00 (3rd edition)
Date Published December 2005 NS CP(K)
Printed in Japan
2002
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
FEATURES
• Compact package
• Resistors built-in type
• Complementary to FN4xxx
ORDERING INFORMATION
PART NUMBER
PACKAGE
FA4xxx
SC-59
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Collector to Base Voltage
VCBO
60
V
Collector to Emitter Voltage
VCEO
50
V
Emitter to Base Voltage
VEBO
Note1
V
Collector Current (DC)
IC
0.1
A
Collector Current (pulse)
Note2
IC(pulse)
0.2
A
Total Power Dissipation
PT
0.2
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
–55 to +150
°C
Note 1.
PART NUMBER
VEBO
(V)
MARK
R1
(k
Ω)
R2
(k
Ω)
PART NUMBER
VEBO
(V)
MARK
R1
(k
Ω)
R2
(k
Ω)
FA4A4M
10
AA1
10.0
10.0
FA4L4L
15
AK1
47.0
22.0
FA4F4M
10
AB1
22.0
22.0
FA4A4Z
5
AL1
10.0
FA4L4M
10
AC1
47.0
47.0
FA4F4Z
5
AM1
22.0
FA4L3M
10
AD1
4.7
4.7
FA4L4Z
5
AN1
47.0
FA4L3N
5
AE1
4.7
10.0
FA4F3M
10
AP1
2.2
2.2
FA4L3Z
5
AF1
4.7
FA4F3P
5
AQ1
2.2
10.0
FA4A3Q
5
AG1
1.0
10.0
FA4F3R
5
AR1
2.2
47.0
FA4A4P
5
AH1
10.0
47.0
FA4A4L
15
AS1
10.0
4.7
FA4F4N
5
AJ1
22.0
47.0
FA4L4K
25
AT1
47.0
10.0
Note 2. PW
≤ 10 ms, Duty Cycle ≤ 50%
PACKAGE DRAWING (Unit: mm)
0.95
0.3
0.95
2.9 ± 0.2
1.1 to 1.4
0 to 0.1
0.16
+0.1
–0.06
21
3
+0.1
–0.05
0.4
+0.1
–0.05
0.4
Marking
EQUIVALENT CIRCUIT
2
R1
R2
1
3
PIN CONNECTION
1: Emitter
2: Base
3: Collector
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com