Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VBMB18R10S Datasheet(PDF) 7 Page - VBsemi Electronics Co.,Ltd

Part # VBMB18R10S
Description  N-Channel 800V (D-S) Super Junction Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VBMB18R10S Datasheet(HTML) 7 Page - VBsemi Electronics Co.,Ltd

Back Button VBMB18R10S Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VBMB18R10S Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VBMB18R10S Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VBMB18R10S Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VBMB18R10S Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd VBMB18R10S Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd VBMB18R10S Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd VBMB18R10S Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd VBMB18R10S Datasheet HTML 10Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TO-247AC (High Voltage)
MILLIMETERS
INCHES
MILLIMETERS
INCHES
DIM.
MIN.
MAX.
MIN.
MAX.
DIM.
MIN.
MAX.
MIN.
MAX.
A
4.58
5.31
0.180
0.209
D2
0.51
1.30
0.020
0.051
A1
2.21
2.59
0.087
0.102
E
15.29
15.87
0.602
0.625
A2
1.17
2.49
0.046
0.098
E1
13.72
-
0.540
-
b
0.99
1.40
0.039
0.055
e
5.46 BSC
0.215 BSC
b1
0.99
1.35
0.039
0.053
Ø k
0.254
0.010
b2
1.53
2.39
0.060
0.094
L
14.20
16.25
0.559
0.640
b3
1.65
2.37
0.065
0.093
L1
3.71
4.29
0.146
0.169
b4
2.42
3.43
0.095
0.135
N
7.62 BSC
0.300 BSC
b5
2.59
3.38
0.102
0.133
Ø P
3.51
3.66
0.138
0.144
c
0.38
0.86
0.015
0.034
Ø P1
-
7.39
-
0.291
c1
0.38
0.76
0.015
0.030
Q
5.31
5.69
0.209
0.224
D
19.71
20.82
0.776
0.820
R
4.52
5.49
0.178
0.216
D1
13.08
-
0.515
-
S
5.51 BSC
0.217 BSC
0.10
A
C
M
M
E
E/2
(2)
(4)
R/2
B
2 x R
S
D
See view B
2 x e
b4
3 x b
2 x b2
L
C
L1
1
2
3
Q
D
A
A2
A
A
A1
C
Ø k
B
D
M
M
A
ØP
(Datum B)
ØP1
D1
4
E1
0.01
B
D
M
M
View A - A
Thermal pad
D2
DD E
E
C
C
View B
(b1, b3, b5)
Base metal
c1
(b, b2, b4)
Section C - C, D - D, E - E
(c)
Planting
4
3
5
7
4
4
4
Lead Assignments
1. Gate
2. Drain
3. Source
4. Drain
www.VBsemi.com
VBM18R10S / VBMB18R10S / VBP18R10S
服务热线:400-655-8788
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com