Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2CW21 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 2CW21
Description  2CW Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

2CW21 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  2CW21 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2CW21 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2CW21 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
2CW 系列稳压二极管参数
型号
V
mA
mW
外形
型号
V
mA
mW
外形
1
2CW106
8.2
110
1W
ED-2
41
2CW130
4
660
3W
EE
2
2CW107
9.1
100
1W
ED-2
42
2CW131
5.1
500
3W
EE
3
2CW108
10
95
1W
ED-2
43
2CW132
6
460
3W
EE
4
2CW109
10
83
1W
ED-2
44
2CW133
7
400
3W
EE
5
2CW110
12
76
1W
ED-2
45
2CW134
8.2
330
3W
EE
6
2CW111
13
66
1W
ED-2
46
2CW135
9.1
310
3W
EE
7
2CW112
15
58
1W
ED-2
47
2CW136
10
280
3W
EE
8
2CW113
18
52
1W
ED-2
48
2CW137
10
250
3W
EE
9
2CW114
20
47
1W
ED-2
49
2CW138
12
230
3W
EE
10
2CW115
22
41
1W
ED-2
50
2CW139
13
200
3W
EE
11
2CW116
24
38
1W
ED-2
51
2CW140
15
170
3W
EE
12
2CW117
27
35
1W
ED-2
52
2CW141
18
150
3W
EE
13
2CW118
29
33
1W
ED-2
53
2CW142
20
140
3W
EE
14
2CW119
32
30
1W
ED-2
54
2CW143
22
120
3W
EE
15
2CW120
34
27
1W
ED-2
55
2CW144
24
110
3W
EE
16
2CW121
37
25
1W
ED-2
56
2CW145
27
105
3W
EE
17
2CW21P
2
330
1W
ED-2
57
2CW146
29
100
3W
EE
18
2CW21S
3
280
1W
ED-2
58
2CW147
32
90
3W
EE
19
2CW21
4
220
1W
ED-2
59
2CW148
34
80
3W
EE
20
2CW21A
5.1
165
1W
ED-2
60
2CW149
37
75
3W
EE
21
2CW21B
6
150
1W
ED-2
61
2CW22
4
660
3W
EE
22
2CW21C
7
130
1W
ED-2
62
2CW22A
5.1
500
3W
EE
23
2CW21D
8.2
110
1W
ED-2
63
2CW22B
6
460
3W
EE
24
2CW21E
9.1
100
1W
ED-2
64
2CW22C
7
400
3W
EE
25
2CW21F
10
95
1W
ED-2
65
2CW22D
8.2
330
3W
EE
26
2CW21G
10
83
1W
ED-2
66
2CW22E
9.1
310
3W
EE
27
2CW21H
12
76
1W
ED-2
67
2CW22F
10
280
3W
EE
28
2CW21H
13
66
1W
ED-2
68
2CW22G
10
250
3W
EE
29
2CW21J
15
58
1W
ED-2
69
2CW22H
12
230
3W
EE
30
2CW21J
18
52
1W
ED-2
70
2CW22H
13
200
3W
EE
31
2CW21K
20
47
1W
ED-2
71
2CW22I
15
170
3W
EE
32
2CW21K
22
41
1W
ED-2
72
2CW22J
18
150
3W
EE
33
2CW21L
24
38
1W
ED-2
73
2CW22K
20
140
3W
EE
34
2CW21L
27
35
1W
ED-2
74
2CW22K
22
120
3W
EE
35
2CW21M
29
33
1W
ED-2
75
2CW22L
24
110
3W
EE
36
2CW21M
32
30
1W
ED-2
76
2CW22L
27
105
3W
EE
37
2CW21N
34
27
1W
ED-2
77
2CW22M
29
100
3W
EE
38
2CW21N
37
25
1W
ED-2
78
2CW22M
32
90
3W
EE
39
2CW21P
2.1
400
1W
ED-2
79
2CW22N
34
80
3W
EE
40
2CW21S
2.7
280
1W
ED-2
80
2CW22N
37
75
3W
EE
申华电子有限公司技术部制作
http://www.shdz.cc



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com