Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC008 Datasheet(PDF) 6 Page - Pico Technology Ltd.

Part # CC008
Description  High-resolution data logger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

CC008 Datasheet(HTML) 6 Page - Pico Technology Ltd.

  CC008 Datasheet HTML 1Page - Pico Technology Ltd. CC008 Datasheet HTML 2Page - Pico Technology Ltd. CC008 Datasheet HTML 3Page - Pico Technology Ltd. CC008 Datasheet HTML 4Page - Pico Technology Ltd. CC008 Datasheet HTML 5Page - Pico Technology Ltd. CC008 Datasheet HTML 6Page - Pico Technology Ltd. CC008 Datasheet HTML 7Page - Pico Technology Ltd. CC008 Datasheet HTML 8Page - Pico Technology Ltd. CC008 Datasheet HTML 9Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ADC-20 and ADC-24 data loggers
Math channels
Sometimes you need to use data
from one or more measurement
channels to graph and record a
calculated parameter. You can use
the PicoLog equation editor to set
up simple math channels such as
A–B or more complex functions
such as log, sqrt, abs, round, min,
max, mean and median.
PicoLog treats math channels like
any other channel, so you can still set alarms and annotate them.
Alarms
In PicoLog, you can set up alarms
to alert you to various events. These
can be as simple or as complex as
you like: alarms can trigger on a
signal threshold or disconnection
of the data logger, or you can set
up a logic expression of your own.
Alarms can play sounds, display
visual alerts, run applications or
mark when the event occurred on
the graph.
Intuitive logger and channel setup
The Devices view makes it easy to set up a multichannel
acquisition system, with the option to use multiple different
Pico data loggers simultaneously. PicoLog shows you an
image of each connected device, so you can quickly and easily
enable or disable channels and set up their properties.
On the right, you can see the ADC-24 logger set up for a
combination of single-ended and differential inputs.
Robust file format
At the heart of PicoLog is the file system, which stores live capture data directly to a
robust database, rather than to a single file that is vulnerable to corruption and data loss.
If the computer is shut down and rebooted, PicoLog will only lose the data during the
outage and will resume capturing when you restart the software.
This file system also means that the size of the dataset you can capture is virtually
unlimited – the only restriction is the size of your computer’s hard disk!
The .picolog file format is compatible across all operating systems, and there is no
need to set up a file to save to before the capture is complete. You can also save mid-
capture if you wish to share the data collected so far. Since anyone can download and
install PicoLog for free, you can easily share saved data with co-workers, customers and
suppliers for offline post-analysis.
PicoSDK®
Pico’s software development kit, PicoSDK, is available free of charge and allows you to
write your own software and interface to third-party software packages.
Pico also maintains repositories of example code on GitHub (github.com/picotech),
showing how to use PicoSDK with software packages such as Microsoft Excel, National
Instruments LabVIEW and MathWorks MATLAB, or with programming languages
including C, C++, C# and Visual Basic .NET.
PicoSDK and the ADC-20 and ADC-24 User’s Guide (which includes the Programmer’s
Guide) are available to download from www.picotech.com/downloads.
Try the PicoLog software today!
PicoLog’s built-in demo mode allows you to try out the full functionality of
the software with a choice of virtual devices and simulated live data. You
also can use PicoLog to view previously saved data, even with no device
connected. Visit www.picotech.com/downloads and select PicoLog Data
Loggers to get your copy.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com