Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC006 Datasheet(PDF) 2 Page - Pico Technology Ltd.

Part # CC006
Description  High-accuracy platinum resistance data logger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

CC006 Datasheet(HTML) 2 Page - Pico Technology Ltd.

  CC006 Datasheet HTML 1Page - Pico Technology Ltd. CC006 Datasheet HTML 2Page - Pico Technology Ltd. CC006 Datasheet HTML 3Page - Pico Technology Ltd. CC006 Datasheet HTML 4Page - Pico Technology Ltd. CC006 Datasheet HTML 5Page - Pico Technology Ltd. CC006 Datasheet HTML 6Page - Pico Technology Ltd. CC006 Datasheet HTML 7Page - Pico Technology Ltd. CC006 Datasheet HTML 8Page - Pico Technology Ltd. CC006 Datasheet HTML 9Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PT-104 Platinum Resistance Data Logger
PT-104 PRT Data Logger
Flexible: measures temperatures with either PT100 or PT1000 sensors, as well as
resistance and voltage.
Adaptable: can measure and record temperatures ranging from –200 to +800 °C.
Stable: Instead of voltage references, which tend to drift with temperature, the PT-104
uses high-precision reference resistors for improved stability.
Expandable: Use up to 20 units simultaneously on one PC.
Accuracy and resolution
Although accurate temperature sensors are widely available, it has been difficult to
take advantage of them due to errors caused by the measuring device. The PT-104
however, is inherently accurate due to its innovative design. Rather than relying
on voltage references (which tend to be temperature sensitive) it uses ‘reference’
resistors which are extremely stable (low temperature coefficient and drift). The exact
value of each resistor is stored in an EEPROM to provide the ultimate in accuracy
(yearly recalibration is recommended). A high-performance 24-bit ADC is used to
achieve the 0.001 °C resolution.
Resistance
When measuring resistance, the PT-104 uses a four-wire circuit to give the greatest
possible accuracy. Two resistance ranges are available (0 to 375 Ω and 0 to 10 kΩ). The
unit is calibrated for 0 to 375 Ω so this range should be used for best accuracy.
Voltage
For voltage measurements, each input connector can be treated as a differential input
with ground, or two single-ended inputs. Both inputs must be zero volts or above,
though it does not matter which input has the higher voltage.
Two voltage ranges are available (0 to 115 mV and 0 to 2500 mV). For the most
accurate measurements use the 0 to 2500 mV range.
The ultimate in portability
With both USB and Ethernet interfaces the PT-104 can be used in a variety of
situations. If you need a portable solution that can be used at various locations and
is fast to set up and use, simply connect your laptop to the PT-104 by USB. Need to
monitor a situation over a period of hours or days, or from a remote location? Plug
your PT-104 into a spare port on your network and then access it remotely either from
your LAN or over the internet (using Power
over Ethernet (PoE) technology means that
you don’t even need a separate power supply).
Ethernet connectivity is only supported in
PicoLog under Windows operating systems.
A
Mini-DIN
sockets (4)
B
E
D
C
Rear panel connections and
indicators
A: Ethernet port
B: USB port
C: Ethernet Data indicator
D: Ethernet Link indicator
E: Power/Status indicator
Temperature
The PT-104 measures temperature using platinum resistance thermometers (PRTs).
Both common industry standards (PT100 and PT1000) are supported. The unit
is compatible with two, three and four-wire sensors (four-wire PT100 sensors are
recommended for best accuracy). A wide range of PT100 sensors are available for
use with your PT-104.
Front panel connections
4 x mini-DIN sockets for the connection
of compatible platinum resistance
thermometers or the optional screw
terminal adaptor.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com